Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/SP Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC18F4539-E/SP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/SP Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC18F4539-E/SP Datasheet HTML 16Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 17Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 18Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 19Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 20Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 21Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 22Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 23Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 322 page
background image
PIC18FXX39
DS30485A-page 18
Preliminary
 2002 Microchip Technology Inc.
PORTE is a bi-directional I/O port.
RE0/RD/AN5
RE0
RD
AN5
8
25
25
I/O
ST
TTL
Analog
Digital I/O.
Read control for parallel slave port
(see also WR and CS pins).
Analog input 5.
RE1/WR/AN6
RE1
WR
AN6
9
26
26
I/O
ST
TTL
Analog
Digital I/O.
Write control for parallel slave port
(see CS and RD pins).
Analog input 6.
RE2/CS/AN7
RE2
CS
AN7
10
27
27
I/O
ST
TTL
Analog
Digital I/O.
Chip Select control for parallel slave port
(see related RD and WR).
Analog input 7.
VSS
12, 31 6, 31
6, 29
P
—
Ground reference for logic and I/O pins.
VDD
11, 32 7, 28,
29
7, 28
P
—
Positive supply for logic and I/O pins.
AVSS
—
30
—
P
—
Ground reference for analog modules.
AVDD
—
8
—
P
—
Positive supply for analog modules.
NC
—
13
12, 13,
33, 34
—
—
These pins should be left unconnected.
TABLE 1-3:
PIC18F4X39 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
DIP
QFN TQFP
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I
= Input
O= Output
P
= Power
OD = Open Drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com