Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/SP Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC18F4539-E/SP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/SP Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC18F4539-E/SP Datasheet HTML 43Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 44Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 45Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 46Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 47Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 48Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 49Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 50Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 45
PIC18FXX39
IPR2
—
—
—
EEIP
BCLIP
LVDIP
TMR3IP
—
---1 1111
29, 79
PIR2
—
—
—
EEIF
BCLIF
LVDIF
TMR3IF
—
---0 0000
29, 75
PIE2
—
—
—
EEIE
BCLIE
LVDIE
TMR3IE
—
---0 0000
29, 77
IPR1
PSPIP(3)
ADIP
RCIP
TXIP
SSPIP
—
TMR2IP
TMR1IP
1111 1111
29, 78
PIR1
PSPIF(3)
ADIF
RCIF
TXIF
SSPIF
—
TMR2IF
TMR1IF
0000 0000
29, 74
PIE1
PSPIE(3)
ADIE
RCIE
TXIE
SSPIE
—
TMR2IE
TMR1IE
0000 0000
29, 76
TRISE(3)
IBF
OBF
IBOV
PSPMODE
—
Data Direction bits for PORTE
0000 -111
29, 94
TRISD(3)
Data Direction Control Register for PORTD
1111 1111
29, 92
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
*
*
TRISC0
1111 1111
29, 89
TRISB
Data Direction Control Register for PORTB
1111 1111
29, 86
TRISA
—TRISA6(1) Data Direction Control Register for PORTA
-111 1111
29, 83
LATE(3)
—
—
—
—
—
Read PORTE Data Latch,
Write PORTE Data Latch
---- -xxx
29, 95
LATD(3)
Read PORTD Data Latch, Write PORTD Data Latch
xxxx xxxx
29, 91
LATC
LATC7
LATC6
LATC5
LATC4
LATC3
*
*
LATC0
xxxx xxxx
29, 89
LATB
Read PORTB Data Latch, Write PORTB Data Latch
xxxx xxxx
29, 86
LATA
—LATA6(1)
Read PORTA Data Latch, Write PORTA Data Latch(1)
-xxx xxxx
29, 83
PORTE(3)
Read PORTE pins, Write PORTE Data Latch
---- -000
29, 95
PORTD(3)
Read PORTD pins, Write PORTD Data Latch
xxxx xxxx
29, 91
PORTC
RC7
RC6
RC5
RC4
RC3
*
*
RC0
xxxx xxxx
29, 89
PORTB
Read PORTB pins, Write PORTB Data Latch
xxxx xxxx
29, 86
PORTA
—RA6(1)
Read PORTA pins, Write PORTA Data Latch(1)
-x0x 0000
29, 83
TABLE 4-2:
REGISTER FILE SUMMARY (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
*
These registers (or individual bits) are retained to maintain compatibility with PIC18FXX2 devices; however, the indicated bits are
reserved in PIC18FXX39 devices. Users should not alter the values of these bits. See Section 4.9.2 for details.
Note 1: RA6 and associated bits are configured as port pins in RCIO and ECIO Oscillator mode only and read '0' in all other Oscillator modes.
2: Bit 21 of the TBLPTRU allows access to the device configuration bits.
3: These registers and bits are reserved on the PIC18F2X39 devices; always maintain these clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com