Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/SP Datasheet(PDF) 117 Page - Microchip Technology

Part # PIC18F4539-E/SP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/SP Datasheet(HTML) 117 Page - Microchip Technology

Back Button PIC18F4539-E/SP Datasheet HTML 113Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 114Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 115Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 116Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 117Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 118Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 119Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 120Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 115
PIC18FXX39
TABLE 14-2:
ProMPT OUTPUT CHARACTERISTICS FOR VARIOUS V/F CURVES
Motor Type:
Rated Voltage:
Full Load Current:
Rated Frequency:
Rated Speed:
Rated Power:
Shaded Pole Blower
115V
3.5/3.25A
50/60 Hz
1570 RPM
1/10 HP
Input
Frequency (Hz)
Measured
Frequency (Hz)
Deviation (%)
Measured
Output
Voltage (RMS)
Measured
Output
Current (A)
Motor Speed
(RPM)
Linear V/F Curve (Pre-programmed)
15
14.8
1.3
22.8
1.59
348
18
17.8
1.1
28.2
1.75
445
20
19.8
1.0
33.5
1.92
505
25
24.7
1.2
42.0
2.08
651
30
29.7
1.0
52.6
2.26
794
35
34.6
1.1
62.0
2.40
926
40
39.6
1.0
72.3
2.57
1060
45
44.5
1.1
81.3
2.70
1185
50
49.5
1.0
90.7
2.79
1305
55
54.4
1.1
99.6
2.96
1421
60
59.4
1.0
107.8
3.10
1536
65
64.3
1.1
112.3
3.26
1565
70
69.3
1.0
111.5
3.53
1450
75
74.2
1.1
111.3
3.69
1070
Pump V/F Curve
15
14.8
1.3
15.0
1.00
3.5
18
17.8
1.1
18.4
1.10
396
20
19.8
1.0
21.4
1.23
456
25
24.7
1.2
29.5
1.44
602
30
29.7
1.0
36.6
1.60
722
35
34.6
1.1
44.7
1.79
852
40
39.6
1.0
53.9
2.01
979
45
44.5
1.1
62.9
2.21
1092
50
49.5
1.0
73.4
2.47
1221
55
54.4
1.1
88.2
2.79
1367
60
59.4
1.0
102.0
3.05
1488
65
64.3
1.1
108.8
3.25
1538
70
69.3
1.0
108.0
3.50
1385
75
74.3
0.9
109.1
3.58
994



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com