Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-E/SP Datasheet(PDF) 122 Page - Microchip Technology

Part # PIC18F4539-E/SP
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-E/SP Datasheet(HTML) 122 Page - Microchip Technology

Back Button PIC18F4539-E/SP Datasheet HTML 118Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 119Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 120Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 121Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 122Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 123Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 124Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 125Page - Microchip Technology PIC18F4539-E/SP Datasheet HTML 126Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 322 page
background image
PIC18FXX39
DS30485A-page 120
Preliminary
 2002 Microchip Technology Inc.
void ProMPT_SetLineVoltage(unsigned char voltage)
Resources used: Hardware Multiplier; 0 stack levels
voltage range: 0 to 255
Description: Sets the line voltage for Automatic Voltage Compensation. The units for SetLineVoltage and
SetMotorVoltage must be the same for accurate operation. The values passed to SetMotorVoltage and
SetLineVoltage can be the same to disable voltage compensation.
void ProMPT_SetMotorVoltage(unsigned char voltage)
Resources used: Hardware Multiplier; 0 stack levels
voltage range: 0 to 255
Description: Sets the motor rating for Automatic Voltage Compensation. The units for SetLineVoltage and
SetMotorVoltage must be the same for accurate operation. The values passed to SetMotorVoltage and
SetLineVoltage can be the same to disable voltage compensation.
void ProMPT_SetParameter(unsigned char parameter, unsigned char value)
Resources used: 0 stack levels
parameter range:
Description: In addition to its pre-defined API methods, the ProMPT kernel allows the user to custom define up to 16
functions for control or communication purposes not covered by the ProMPT APIs. This function sets the value of the
specified user defined function.
void ProMPT_SetPWMfrequency(unsigned char PWMfrequency)
PWMfrequency values: 0 or 1
Resources used: Timer2; 1 stack level
Description: This sets and changes the PWM switching frequency. Typically, this is set with the Init() function.
When PWMfrequency is ‘0’, the module’s operating frequency is 9.75 kHz. When PWMfrequency is ‘1’, the module’s
operating frequency is 19.53 kHz.
void ProMPT_SetVFCurve(unsigned char point, unsigned char value)
Resources used: Hardware Multiplier; 0 stack level
point range: 0 to 16 (0 = 0 Hz, 1 = 8 Hz, 2 = 16 Hz……. 17 = 128 Hz)
value range: 0 to 200
Description: This sets one of the 17 modulation values (in %) for the V/F curve. Each point represents a frequency
increment of 8 Hz, ranging from point 0 (0 Hz) to point 16 (128 Hz).
unsigned char ProMPT_Tick(void)
Resources used: 1 stack level
Description: The value of the Tick timer flag becomes ‘1’ every 62.5 ms (1/16 second). This can be used for timing
applications. clearTick must be called in the timing routine when this is serviced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com