Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMPH3010LPS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMPH3010LPS
Description  175C P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMPH3010LPS Datasheet(HTML) 1 Page - Diodes Incorporated

  DMPH3010LPS Datasheet HTML 1Page - Diodes Incorporated DMPH3010LPS Datasheet HTML 2Page - Diodes Incorporated DMPH3010LPS Datasheet HTML 3Page - Diodes Incorporated DMPH3010LPS Datasheet HTML 4Page - Diodes Incorporated DMPH3010LPS Datasheet HTML 5Page - Diodes Incorporated DMPH3010LPS Datasheet HTML 6Page - Diodes Incorporated DMPH3010LPS Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMPH3010LPS
Document number: DS37129 Rev. 1 - 2
1 of 7
www.diodes.com
October 2015
© Diodes Incorporated
DMPH3010LPS
POWERDI is a registered trademark of Diodes Incorporated
175°C P-CHANNEL ENHANCEMENT MODE MOSFET
POWERDI
®
Product Summary
V(BR)DSS
RDS(ON) Max
ID
TC = +25°C
-30V
7.5m
 @ VGS = -10V
-60A
10m
 @ VGS = -4.5V
-50A
Description and Applications
This new generation MOSFET is designed to minimize the on-state
resistance (RDS(ON)) and yet maintain superior switching performance,
making it ideal for high efficiency power management applications.
DC-DC Converters
Power Management Functions
Analog Switch
Features and Benefits
Rated to +175°C
– Ideal for High Ambient Temperature
Environments
100% Unclamped Inductive Switch (UIS) Test in Production
Low On-Resistance
Fast Switching Speed
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and
Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: POWERDI
®5060-8
Case Material: Molded Plastic, ―Green‖ Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish
– 100% Matte Tin Annealed over Copper
Leadframe. Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMPH3010LPS-13
POWERDI
®5060-8
2,500 / Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Bottom View
Internal Schematic
Top View
Pin Configuration
Pin1
D
S
G
S
D
S
S
G
D
D
D
Logo
Part no.
Year: ? 9?= 2009
Xth week: 01 ~ 53
P3010LS
YY WW
S
D
S
S
G
D
D
D
Logo
Part no.
Year: ? 9?= 2009
Xth week: 01 ~ 53
P3010LS
YY WW
S
D
S
S
G
D
D
D
Logo
Part no.
Year: ? 9?= 2009
Xth week: 01 ~ 53
P3010LS
YY WW
S
D
S
S
G
D
D
D
Logo
Part no.
Year: ? 9?= 2009
Xth week: 01 ~ 53
P3010LS
YY WW
S
D
S
S
G
D
D
D
Logo
Part no.
Year: ? 9?= 2009
Xth week: 01 ~ 53
P3010LS
YY WW
S
D
S
S
G
D
D
D
Logo
Part no.
Year: ? 9?= 2009
Xth week: 01 ~ 53
P3010LS
YY WW
Green
S
D
D
G
D
D
S
S
S
D
S
S
G
D
D
D
H3010LS
YY WW
= Manufacturer’s Marking
H3010LS = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 15 = 2015)
WW = Week (01 to 53)
e3


Similar Part No. - DMPH3010LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMPH3010LPSQ DIODES-DMPH3010LPSQ Datasheet
449Kb / 7P
175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev erse
DMPH3010LPSQ-13 DIODES-DMPH3010LPSQ-13 Datasheet
449Kb / 7P
175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev erse
More results

Similar Description - DMPH3010LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH4004LK3 DIODES-DMTH4004LK3 Datasheet
455Kb / 7P
40V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMNH3010LK3 DIODES-DMNH3010LK3 Datasheet
536Kb / 7P
175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMPH6050SK3Q DIODES-DMPH6050SK3Q Datasheet
523Kb / 7P
60V plus 175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMPH1006UPS DIODES-DMPH1006UPS Datasheet
512Kb / 7P
12V 175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMPH1006UPSQ DIODES-DMPH1006UPSQ Datasheet
509Kb / 7P
12V 175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMPH3010LK3Q DIODES-DMPH3010LK3Q Datasheet
388Kb / 7P
175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev erse
DMPH3010LPSQ DIODES-DMPH3010LPSQ Datasheet
449Kb / 7P
175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev erse
DMPH4015SK3 DIODES-DMPH4015SK3 Datasheet
408Kb / 7P
175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMPH4015SPS DIODES-DMPH4015SPS Datasheet
420Kb / 7P
175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMPH4015SPSQ DIODES-DMPH4015SPSQ Datasheet
405Kb / 7P
175C P-CHANNEL ENHANCEMENT MODE MOSFET
Rev erse
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com