Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL28PCIe26ALC Datasheet(PDF) 4 Page - Silicon Laboratories

Part # SL28PCIe26ALC
Description  EProClock짰 PCI Express Gen 2 & Gen 3 Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe26ALC Datasheet(HTML) 4 Page - Silicon Laboratories

  SL28PCIe26ALC Datasheet HTML 1Page - Silicon Laboratories SL28PCIe26ALC Datasheet HTML 2Page - Silicon Laboratories SL28PCIe26ALC Datasheet HTML 3Page - Silicon Laboratories SL28PCIe26ALC Datasheet HTML 4Page - Silicon Laboratories SL28PCIe26ALC Datasheet HTML 5Page - Silicon Laboratories SL28PCIe26ALC Datasheet HTML 6Page - Silicon Laboratories SL28PCIe26ALC Datasheet HTML 7Page - Silicon Laboratories SL28PCIe26ALC Datasheet HTML 8Page - Silicon Laboratories SL28PCIe26ALC Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SL28PCIe26
DOC#: SP-AP-0774 (Rev. 0.2)
Page 4 of 14
Control Registers
28
Acknowledge from slave
27:21
Slave address–7 bits
29
Stop
28
Read
29
Acknowledge from slave
37:30
Data from slave–8 bits
38
NOT Acknowledge
39
Stop
Byte 0: Control Register 0
Bit
@Pup
Name
Description
7
1
RESERVED
RESERVED
6
0
RESERVED
RESERVED
5
1
RESERVED
RESERVED
4
0
RESERVED
RESERVED
3
0
RESERVED
RESERVED
2
0
RESERVED
RESERVED
1
0
RESERVED
RESERVED
0
1
PD_Restore
Save configuration when PD# is asserted
0 = Config. cleared, 1 = Config. saved
Table 3. Byte Read and Byte Write Protocol
Byte 1: Control Register 1
Bit
@Pup
Name
Description
7
1
RESERVED
RESERVED
6
0
PLL1_SS_DC
Select for down or center SS
0 = -0.5% Down spread, 1 = +/-0.5% Center spread
5
0
RESERVED
RESERVED
4
0
RESERVED
RESERVED
3
0
RESERVED
RESERVED
2
1
RESERVED
RESERVED
1
0
RESERVED
RESERVED
0
1
RESERVED
RESERVED
Byte 2: Control Register 2
Bit
@Pup
Name
Description
7
1
RESERVED
RESERVED
6
1
RESERVED
RESERVED
5
1
RESERVED
RESERVED
4
1
RESERVED
RESERVED
3
1
RESERVED
RESERVED
2
1
RESERVED
RESERVED
1
1
RESERVED
RESERVED
0
1
RESERVED
RESERVED
Byte 3: Control Register 3
Bit
@Pup
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com