Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SL28PCIe26ALCT Datasheet(PDF) 2 Page - Silicon Laboratories

Part # SL28PCIe26ALCT
Description  EProClock짰 PCI Express Gen 2 & Gen 3 Generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIe26ALCT Datasheet(HTML) 2 Page - Silicon Laboratories

  SL28PCIe26ALCT Datasheet HTML 1Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 2Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 3Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 4Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 5Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 6Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 7Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 8Page - Silicon Laboratories SL28PCIe26ALCT Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SL28PCIe26
DOC#: SP-AP-0774 (Rev. 0.2)
Page 2 of 14
32-QFN Pin Definitions
EProClock® Programmable Technology
EProClock® is the world’s first non-volatile programmable
clock. The EProClock® technology allows board designer to
promptly achieve optimum compliance and clock signal
integrity; historically, attainable typically through device and/or
board redesigns.
EProClock® technology can be configured through SMBus or
hard coded.
Features:
- > 4000 bits of configurations
- Can be configured through SMBus or hard coded
- Custom frequency sets
- Differential skew control on true or compliment or both
- Differential duty cycle control on true or compliment or both
- Differential amplitude control
- Differential slew rate control
- Program different spread profiles and modulation rates
Serial Data Interface
To enhance the flexibility and function of the clock synthesizer,
a two-signal serial interface is provided. Through the Serial
Data Interface, various device functions, such as individual
clock output buffers are individually enabled or disabled. The
registers associated with the Serial Data Interface initialize to
Pin No.
Name
Type
Description
1
VDD
PWR 3.3V Power Supply
2
VSS
GND
Ground
3
NC
NC
No Connect.
4
NC
NC
No Connect.
5
VDD
PWR 3.3V Power Supply
6
NC
NC
No Connect.
7
NC
NC
No Connect.
8
VSS
GND
Ground
9
VSS
GND
Ground
10
SRC0
O, DIF 100MHz True differential serial reference clock
11
SRC0#
O, DIF 100MHz Complement differential serial reference clock
12
VSS
GND
Ground
13
SRC1
O, DIF 100MHz True differential serial reference clock
14
SRC1#
O, DIF 100MHz Complement differential serial reference clock
15
VDD
PWR 3.3V Power Supply
16
NC
NC
No Connect.
17
VDD
PWR 3.3V Power Supply
18
VDD
PWR 3.3V Power Supply
19
SRC2#
O, DIF 100MHz Complement differential serial reference clock
20
SRC2
O, DIF 100MHz True differential serial reference clock
21
VSS
GND
Ground
22
SRC3#
O, DIF 100MHz Complement differential serial reference clock
23
SRC3
O, DIF 100MHz True differential serial reference clock
24
VDD
PWR 3.3V Power Supply
25
CKPWRGD/PD#
I
3.3V LVTTT input pin. When PD# is asserted low, the device will power down.
26
VSS
GND
Ground
27
XOUT
O, SE 25MHz Crystal output, Float XOUT if using CLKIN (Clock Input)
28
XIN/CLKIN
I
25MHz Crystal input or 3.3V, 25MHz Clock Input
29
VDD
PWR 3.3V Power Supply
30
NC
NC
No Connect.
31
SDATA
I/O
SMBus compatible SDATA
32
SCLK
I
SMBus compatible SCLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com