Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEWCR1002 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PEWCR1002
Description  WR-75 Waveguide Circulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCR1002 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PEWCR1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCR1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCR1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCR1002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCR1002 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
WR-75 Waveguide Circulator, 10 GHz to 15 GHz, 18 dB min Isolation, Cover Flange, Aluminum from Pasternack Enterpris-
es has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain
a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-75 Waveguide Circulator, 10 GHz to 15 GHz, 18 dB min Isolation, Cover Flange, Aluminum
PEWCR1002
URL:
https://www.pasternack.com/wr75-waveguide-circulator-10-15-ghz-18db-cover-flange-aluminum-pewcr1002-p.aspx
PEWCR1002 REV 1.0
Waveguide Circulators Technical Data Sheet
PEWCR1002
WR-75 Waveguide Circulator, 10 GHz to 15 GHz,
18 dB min Isolation, Cover Flange, Aluminum



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com