Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PEWCR1002 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWCR1002
Description  WR-75 Waveguide Circulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWCR1002 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWCR1002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWCR1002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWCR1002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWCR1002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEWCR1002 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Features
• Waveguide Circulator
• WR-75
• Full M Band Frequency Range 10 to 15 GHz
• Mates with Cover Flange
• 1.3:1 VSWR
• 18 dB isolation across the full band
Applications
• Radar Systems
• Military
• Wireless Radio Systems
• Telecom Infrastructure
• Communication Systems
• R&D Labs
• Microwave Radio Systems
.
Description
The PEWCR1002 is a Waveguide Circlator offering 18 dB minimum isolation over the full M band frequency range of 10 to
15 GHz. The design achieves high isolation with wide band performance and the WR-75 waveguide uses compatible cover
flanges on all ports and has a power rating of 10 watts (CW).
Pasternack offers a wide variety of circulators and waveguide circulators to fit your needs. These unique devices
enable two signals to use one channel. The classic use of this three port device is for the line between an antenna
and a transceiver, allowing the receive signal to come from the antenna (port 1) to the receiver (port 2) while the
transmit signal goes from the transmitter (port 3) to the antenna (port 1). An isolator can be created by terminating one
port into a matched load. These components can be used in antenna transmitting and receiving, radar, amplifier
systems and anything that requires isolation from a signal reflection and the ability to send signals in opposite
directions down a single channel. These circulators feature excellent insertion loss, high isolation and reliability.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
10
15
GHz
VSWR
1.3:1
Insertion Loss
0.5
dB
Isolation
18
dB
Forward Power (CW)
10
Watts
Input Power (Peak)
5
KWatts
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-75 Waveguide Circulator, 10 GHz to 15 GHz, 18 dB min Isolation, Cover Flange, Alumi-
num PEWCR1002
PEWCR1002 REV 1.0
WR-75 Waveguide Circulator, 10 GHz to 15 GHz,
18 dB min Isolation, Cover Flange, Aluminum
Waveguide Circulators Technical Data Sheet
PEWCR1002


Similar Part No. - PEWCR1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWCR1000 PASTERNACK-PEWCR1000 Datasheet
538Kb / 5P
WR-112 Waveguide Circulator, 7.05 GHz to 10 GHz, 18 dB min Isolation, Cover Flange, Aluminum
PEWCR1001 PASTERNACK-PEWCR1001 Datasheet
539Kb / 5P
WR-90 Waveguide Circulator, 8.2 GHz to 12.4 GHz, 18 dB min Isolation, Cover Flange, Aluminum
PEWCR1004 PASTERNACK-PEWCR1004 Datasheet
541Kb / 5P
WR-42 Waveguide Circulator
More results

Similar Description - PEWCR1002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6832 PASTERNACK-PE6832_16 Datasheet
776Kb / 3P
175 Watts High Power WR-75 Waveguide Load
PEWGK1004 PASTERNACK-PEWGK1004 Datasheet
451Kb / 3P
WR-75 Waveguide Gasket kit Square Cover
PEWCR1004 PASTERNACK-PEWCR1004 Datasheet
541Kb / 5P
WR-42 Waveguide Circulator
PEWCT1016 PASTERNACK-PEWCT1016 Datasheet
465Kb / 5P
WR-75 Waveguide 20 dB Crossguide Coupler
PEWCT1017 PASTERNACK-PEWCT1017 Datasheet
474Kb / 5P
WR-75 Waveguide 30 dB Crossguide Coupler
PEWCT1018 PASTERNACK-PEWCT1018 Datasheet
474Kb / 5P
WR-75 Waveguide 40 dB Crossguide Coupler
PEWCT1019 PASTERNACK-PEWCT1019 Datasheet
475Kb / 5P
WR-75 Waveguide 50 dB Crossguide Coupler
PE-W75TF005-12 PASTERNACK-PE-W75TF005-12_V01 Datasheet
407Kb / 4P
WR-75 Twistable Flexible Waveguide
PE-W75TF005-24 PASTERNACK-PE-W75TF005-24_V01 Datasheet
405Kb / 4P
WR-75 Twistable Flexible Waveguide
PE-W75TF005-36 PASTERNACK-PE-W75TF005-36_V01 Datasheet
392Kb / 4P
WR-75 Twistable Flexible Waveguide
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com