Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CIP3250A Datasheet(PDF) 33 Page - Micronas

Part # CIP3250A
Description  Component Interface Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CIP3250A Datasheet(HTML) 33 Page - Micronas

Back Button CIP3250A Datasheet HTML 29Page - Micronas CIP3250A Datasheet HTML 30Page - Micronas CIP3250A Datasheet HTML 31Page - Micronas CIP3250A Datasheet HTML 32Page - Micronas CIP3250A Datasheet HTML 33Page - Micronas CIP3250A Datasheet HTML 34Page - Micronas CIP3250A Datasheet HTML 35Page - Micronas CIP3250A Datasheet HTML 36Page - Micronas CIP3250A Datasheet HTML 37Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
ADVANCE INFORMATION
CIP 3250A
33
Micronas
3.5. Pin Circuits
The following figures schematically show the circuitry at
the various pins. The integrated protection structures
are not shown.
DVDD
DVSS
Fig. 3–2: Input pins 1 and 56
P
N
PVDD
PVSS
Fig. 3–3: Output pins 2 to17 and 20 to 27
P
N
I2C:PUDIS
PVDD
PVSS
Fig. 3–4: Output pin 28
P
N
–
+
Comp.
Fig. 3–5: Input pins 29 and 30
DVSS
I2C:D2KSYNC
≈1.2 V
Fig. 3–6: Input pins 31 and 32
DVSS
N
Fig. 3–7: Input/Output pins 33 to 35
DVDD
DVSS
N
Comp.
DVSS
≈1.2 V
DVSS
Fig. 3–8: Input pins 36 to 51
DVDD
I2C:D2KIN
–
+
Comp.
≈1.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com