Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CIP3250A Datasheet(PDF) 23 Page - Micronas

Part # CIP3250A
Description  Component Interface Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

CIP3250A Datasheet(HTML) 23 Page - Micronas

Back Button CIP3250A Datasheet HTML 19Page - Micronas CIP3250A Datasheet HTML 20Page - Micronas CIP3250A Datasheet HTML 21Page - Micronas CIP3250A Datasheet HTML 22Page - Micronas CIP3250A Datasheet HTML 23Page - Micronas CIP3250A Datasheet HTML 24Page - Micronas CIP3250A Datasheet HTML 25Page - Micronas CIP3250A Datasheet HTML 26Page - Micronas CIP3250A Datasheet HTML 27Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
ADVANCE INFORMATION
CIP 3250A
23
Micronas
Table 2–10: I2C-Bus operation, continued
Sub-
Address
(decimal)
Label
Bit No.
(LSB = 0)
Typical
Operation
Value
Function
I2C registers for ADJUSTABLE LOWPASS FILTER
05
LPFLUM
7–0
0
Y luma low pass filter selection
0 = bypass
128 = Y1 (<06>CYLUM1=0, <06>CYLUM2=0,
increment <16>YDEL by 1)
192 = Y2 (<06>CYLUM1=0, <06>CYLUM2=0,
increment <16>YDEL by 1)
224 = Y3 (<06>CYLUM1=0, <06>CYLUM2=0,
increment <16>YDEL by 2)
240 = Y4 (<06>CYLUM1=0, <06>CYLUM2=0,
increment <16>YDEL by 2)
241 = Y5 (<06>CYLUM1=0, <06>CYLUM2=0,
increment <16>YDEL by 2)
249 = Y6 (<06>CYLUM1=0, <06>CYLUM2=0,
increment <16>YDEL by 2)
255 = Y7 (<06>CYLUM1=0, <06>CYLUM2=0,
increment <16>YDEL by 2)
[note: <16>YDEL has to be incremented to match group delays]
06
CYLUM1
3
0
Y (luma) low pass filter offset correction 1
0 = off
1 = on
06
CYLUM2
2
0
Y (luma) low pass filter offset correction 2
0 = off
1 = on
07
LPFCHR
6–0
0
UV (chroma) low pass filter selection
0 = bypass
96 = UV1 (<06>CYCHR1=0, <06>CYCHR2=0)
97 = UV2 (<06>CYCHR1=0, <06>CYCHR2=0)
113 = UV3 (<06>CYCHR1=0, <06>CYCHR2=0)
125 = UV4 (<06>CYCHR1=0, <06>CYCHR2=0)
127 = UV5 (<06>CYCHR1=0, <06>CYCHR2=0)
06
CYCHR1
1
0
UV (chroma) low pass filter offset correction 1
0 = off
1 = on
06
CYCHR2
0
0
UV (chroma) low pass filter offset correction 2
0 = off
1 = on
I2C registers for DELAY2 (DL2)
17
PXSKWON
3
1
pixel skew correction (see section 2.5.)
0 = off
[note: delay adapted every field, see Fig. 2–15]
1 = on
[note: delay adapted every line, see Fig. 2–14]
21
DL2
7–0
69
delay adjust for RGB to YUV-path (see section 2.5.)
(0...255)*2 + 2 clocks delay to write DL2–FIFO if <17>PXSKWON = 1
(48...212) clocks delay to read DL2–FIFO if <17>PXSKWON = 0
I2C registers for DELAY1 (DL1)
10
SECAM
5
0
delay of digital YUVin (SECAM mode)
0 = see <10>DL1ON
1 = UV: 2 clocks, Y: 76 clocks (set <10>DL1ON = 0)
10
DL1ON
4
1
delay of digital YUVin (set <10>SECAM = 0)
0 = 2 clocks
1 = 80 clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com