Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6S21 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6S21
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S21 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6S21 Datasheet HTML 1Page - Microchip Technology MCP6S21 Datasheet HTML 2Page - Microchip Technology MCP6S21 Datasheet HTML 3Page - Microchip Technology MCP6S21 Datasheet HTML 4Page - Microchip Technology MCP6S21 Datasheet HTML 5Page - Microchip Technology MCP6S21 Datasheet HTML 6Page - Microchip Technology MCP6S21 Datasheet HTML 7Page - Microchip Technology MCP6S21 Datasheet HTML 8Page - Microchip Technology MCP6S21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
 2003 Microchip Technology Inc.
DS21117A-page 3
MCP6S21/2/6/8
Power Supply
Supply Voltage
VDD
2.5
5.5
V
Quiescent Current
IQ
0.5
1.0
1.35
mA
IO = 0 (Note 2)
Quiescent Current, Shutdown
mode
IQ_SHDN
—0.5
1.0
µA
IO = 0 (Note 2)
Power-On Reset
POR Trip Voltage
VPOR
1.2
1.7
2.2
V
(Note 3)
POR Trip Voltage Drift
∆VPOR/∆T—
-3.0
mV/°C
TA = -40°C to+85°C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS = GND, VREF = VSS, G = +1 V/V,
Input = CH0 = (0.3V)/G, CH1 to CH7 = 0.3V, RL =10 kΩ to VDD/2, SI and SCK are tied low and CS is tied high.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: RLAD (RF + RG in Figure 4-1) connects VREF, VOUT and the inverting input of the internal amplifier. The MCP6S22 has
VREF tied internally to VSS, so VSS is coupled to the internal amplifier and the PSRR spec describes PSRR+ only. We
recommend the MCP6S22’s VSS pin be tied directly to ground to avoid noise problems.
2: IQ includes current in RLAD (typically 60 µA at VOUT = 0.3V). Both IQ and IQ_SHDN exclude digital switching currents.
3: The output goes Hi-Z and the registers reset to their defaults; see Section 5.4, “Power-On Reset”.
AC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS = GND, VREF = VSS, G = +1 V/V,
Input = CH0 =(0.3V)/G, CH1 to CH7=0.3V, RL =10 kΩ to VDD/2, CL = 60 pF, SI and SCK are tied low, and CS is tied high.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Frequency Response
-3 dB Bandwidth
BW
2 to 12
MHz
All gains; VOUT < 100 mVP-P (Note 1)
Gain Peaking
GPK
0
dB
All gains; VOUT < 100 mVP-P
Total Harmonic Distortion plus Noise
f = 1 kHz, G = +1 V/V
THD+N
0.0015
%
VOUT = 1.5V ± 1.0VPK, VDD = 5.0V,
BW = 22 kHz
f = 1 kHz, G = +4 V/V
THD+N
0.0058
%
VOUT = 1.5V ± 1.0VPK, VDD = 5.0V,
BW = 22 kHz
f = 1 kHz, G = +16 V/V
THD+N
0.023
%
VOUT = 1.5V ± 1.0VPK, VDD = 5.0V,
BW = 22 kHz
f = 20 kHz, G = +1 V/V
THD+N
0.0035
%
VOUT = 1.5V ± 1.0VPK, VDD = 5.0V,
BW = 80 kHz
f = 20 kHz, G = +4 V/V
THD+N
0.0093
%
VOUT = 1.5V ± 1.0VPK, VDD = 5.0V,
BW = 80 kHz
f = 20 kHz, G = +16 V/V
THD+N
0.036
%
VOUT = 1.5V ± 1.0VPK, VDD = 5.0V,
BW = 80 kHz
Step Response
Slew Rate
SR
4.0
V/µs
G = 1, 2
11
V/µs
G = 4, 5, 8, 10
—22
V/µs
G = 16, 32
Noise
Input Noise Voltage
Eni
—3.2
µVP-P f = 0.1 Hz to 10 kHz (Note 2)
26
f = 0.1 Hz to 200 kHz (Note 2)
Input Noise Voltage Density
eni
—10
nV/
√Hz f = 10 kHz (Note 2)
Input Noise Current Density
ini
—4
fA/
√Hz f = 10 kHz
Note 1: See Table 4-1 for a list of typical numbers.
2: Eni and eni include ladder resistance noise. See Figure 2-33 for eni vs. G data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com