Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90346CEPMC Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # MB90346CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90346CEPMC Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button MB90346CEPMC Datasheet HTML 9Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 10Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 11Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 12Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 13Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 14Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 15Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 16Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 12 of 92
MB90340E Series
3. Pin Description
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1
LQFP100*2
1 to 4
99 to 2
P24 to P27
G
General purpose I/O pins. The register can be set to select whether to use a
pull-up resistor.In external bus mode, the pin is enabled as a general-purpose I/O
port when the corresponding bit in the external address output control register
(HACR) is 1.
A20 to A23
Output pins of the external address bus. When the corresponding bit in the
external address output control register (HACR) is 0, the pins are enabled as
high address output pins (A20 to A23).
IN0 to IN3
Trigger input pins for input captures.
53
P30
G
General purpose I/O pin.The register can be set to select whether to use a
pull-up resistor.
This function is enabled in single-chip mode.
ALE
Address latch enable output pin. This function is enabled when the external bus
is enabled.
IN4
Trigger input pin for input capture.
64
P31
G
General purpose I/O pin.The register can be set to select whether to use a
pull-up resistor.
This function is enabled in single-chip mode.
RD
External read strobe output pin. This function is enabled when the external bus is
enabled.
IN5
Trigger input pin for input capture.
75
P32
G
General purpose I/O pin. The register can be set to select whether to use a
pull-up resistor. This function is enabled either in single-chip mode or when the
WR/WRL pin output is disabled.
WR / WRL
Write strobe output pin for the external data bus. This function is enabled when
both the external bus and the WR/WRL pin output are enabled. WRL is used to
write-strobe 8 lower bits of the data bus in 16-bit access while WR is used to
write-strobe 8 bits of the data bus in 8-bit access.
INT10R
External interrupt request input pin.
86
P33
G
General purpose I/O pin. The register can be set to select whether to use a
pull-up resistor.This function is enabled either in single-chip mode or when the
WRH pin output is disabled.
WRH
Write strobe output pin for the upper 8 bits of the external data bus. This function
is enabled when the external bus is enabled, when the external bus 16-bit mode
is selected, and when the WRH output pin is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com