Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90346CEPMC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB90346CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90346CEPMC Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB90346CEPMC Datasheet HTML 1Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 2Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 3Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 4Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 5Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 6Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 7Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 8Page - Cypress Semiconductor MB90346CEPMC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 93 page
background image
MB90340E Series
F2MC-16LX 16-bit Microcontroller
Datasheet
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-04498 Rev. *A
Revised May 4, 2016
The MB90340E series with up to 2 FULL-CAN interfaces is especially designed for automotive and other industrial applications. Its
main feature are the on-board CAN Interfaces, which conform to V2.0 Part A and Part B, while supporting a very flexible message
buffer scheme and so offering more functions than a normal full CAN approach.
The power to the MCU core (3 V) is supplied by a built-in regulator circuit, giving these microcontrollers superior performance in
terms of power consumption and tolerance to EMI.
Features
CPU
Instruction system best suited to controller
- Wide choice of data types (bit, byte, word, and long word)
- Wide choice of addressing modes (23 types)
- Enhanced functionality with signed multiply and divide
instructions and the RETI instruction
- Enhanced high-precision computing with 32-bit accumulator
Instruction system compatible with high-level language (C
language) and multitask
- Employing system stack pointer
- Various enhanced pointer indirect instructions
- Barrel shift instructions
Increased processing speed
- 4-byte instruction queue
Serial interface
LIN-UART : 4 channels
- Equipped with full-duplex double buffer
- Clock-asynchronous or clock-synchronous serial transmission
is available
I2C interface : 2 channels (only for devices with a C suffix in
the part number)
- Up to 400 kbps transfer rate
Interrupt controller
Powerful 8-level, 34-condition interrupt feature
Up to 16 external interrupts are supported
Automatic data transfer function independent of CPU
- Expanded intelligent I/O service function (EI2OS) : up to 16
channels
I/O ports
General-purpose input/output port (CMOS output)
- 80 ports (for devices without an S suffix in the part number -
i.e. devices that support the sub clock)
- 82 ports (for devices with an S suffix in the part number - i.e.
devices that do not support the sub clock)
8/10-bit A/D converter
16 channels (only for devices without a C suffix in the part
number)
24 channels (only for devices with a C suffix in the part
number)
Resolution is selectable between 8-bit and 10-bit.
Activation by external trigger input is allowed.
Conversion time : 3
s (at 24 MHz machine clock, including
sampling time)
Address match detection (program patch) func-
tion
Detects address matches against 6 address pointers
Timer
Time-base timer, watch timer, watchdog timer : 1 channel
8/16-bit PPG timer : 8-bit
16 channels, or 16-bit 8
channels
16-bit reload timer : 4 channels
16-bit input/output timer
- 16-bit free-run timer : 2 channels
(FRT0 : ICU 0/1/2/3, OCU 0/1/2/3, FRT1 : ICU 4/5/6/7, OCU 4/
5/6/7)
- 16-bit input capture: (ICU): 8 channels
- 16-bit output compare: (OCU): 8 channels
Full-CAN controller
Up to 2 channels
Compliant with Ver2.0A and Ver2.0B CAN specifications
16 built-in message buffers
CAN wake-up function
Low power consumption (standby) mode
Sleep mode (a mode that halts CPU operating clock)
Timebase timer mode (a mode where only the oscillation
clock, sub clock, timebase timer and watch timer operate)
Watch mode (a mode that operates sub clock and watch
timer only)
Stop mode (a mode that stops oscillation clock and sub
clock)
CPU intermittent operation mode
Clock modulation circuit
Technology
CMOS technology



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com