Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90347CESPMC Datasheet(PDF) 33 Page - Cypress Semiconductor

Part # MB90347CESPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CESPMC Datasheet(HTML) 33 Page - Cypress Semiconductor

Back Button MB90347CESPMC Datasheet HTML 29Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 30Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 31Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 32Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 33Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 34Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 35Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 36Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 37Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 32 of 92
MB90340E Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
000040H
PPG 8 Operation Mode Control Register
PPGC8
W,R/W
16-bit PPG 8/9
0X000XX1B
000041H
PPG 9 Operation Mode Control Register
PPGC9
W,R/W
0X000001B
000042H
PPG 8/PPG 9 Count Clock Control
Register
PPG89
R/W
000000X0B
000043H
Reserved
000044H
PPG A Operation Mode Control Register
PPGCA
W,R/W
16-bit PPG A/B
0X000XX1B
000045H
PPG B Operation Mode Control Register
PPGCB
W,R/W
0X000001B
000046H
PPG A/PPG B Count Clock Select
Register
PPGAB
R/W
000000X0B
000047H
Reserved
000048H
PPG C Operation Mode Control Register
PPGCC
W,R/W
16-bit PPG C/D
0X000XX1B
000049H
PPG D Operation Mode Control Register
PPGCD
W,R/W
0X000001B
00004AH
PPG C/PPG D Count Clock Select
Register
PPGCD
R/W
000000X0B
00004BH
Reserved
00004CH
PPG E Operation Mode Control Register
PPGCE
W,R/W
16-bit PPG E/F
0X000XX1B
00004DH
PPG F Operation Mode Control Register
PPGCF
W,R/W
0X000001B
00004EH
PPG E/PPG F Count Clock Select
Register
PPGEF
R/W
000000X0B
00004FH
Reserved
000050H
Input Capture Control Status 0/1
ICS01
R/W
Input Capture 0/1
00000000B
000051H
Input Capture Edge 0/1
ICE01
R/W, R
XXX0X0XXB
000052H
Input Capture Control Status 2/3
ICS23
R/W
Input Capture 2/3
00000000B
000053H
Input Capture Edge 2/3
ICE23
R
XXXXXXXXB
000054H
Input Capture Control Status 4/5
ICS45
R/W
Input Capture 4/5
00000000B
000055H
Input Capture Edge 4/5
ICE45
R
XXXXXXXXB
000056H
Input Capture Control Status 6/7
ICS67
R/W
Input Capture 6/7
00000000B
000057H
Input Capture Edge 6/7
ICE67
R/W, R
XXX000XXB
000058H
Output Compare Control Status 0
OCS0
R/W
Output Compare 0/1
0000XX00B
000059H
Output Compare Control Status 1
OCS1
R/W
0XX00000B
00005AH
Output Compare Control Status 2
OCS2
R/W
Output Compare 2/3
0000XX00B
00005BH
Output Compare Control Status 3
OCS3
R/W
0XX00000B
00005CH
Output Compare Control Status 4
OCS4
R/W
Output Compare 4/5
0000XX00B
00005DH
Output Compare Control Status 5
OCS5
R/W
0XX00000B
00005EH
Output Compare Control Status 6
OCS6
R/W
Output Compare 6/7
0000XX00B
00005FH
Output Compare Control Status 7
OCS7
R/W
0XX00000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com