Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90347CESPMC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB90347CESPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CESPMC Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB90347CESPMC Datasheet HTML 1Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 2Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 3Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 4Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 5Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 6Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 7Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 8Page - Cypress Semiconductor MB90347CESPMC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 3 of 92
MB90340E Series
1. Product Lineup
(Continued)
Part Number
Parameter
MB90V340E-101,
MB90V340E-102
MB90F342E(S), MB90F342CE(S),
MB90F345E(S), MB90F345CE(S),
MB90F346E(S), MB90F346CE(S),
MB90F347E(S), MB90F347CE(S),
MB90F349E(S), MB90F349CE(S)
MB90341E(S), MB90341CE(S),
MB90342E(S), MB90342CE(S),
MB90346E(S), MB90346CE(S),
MB90347E(S), MB90347CE(S),
MB90348E(S), MB90348CE(S),
MB90349E(S), MB90349CE(S)
Type
Evaluation products
Flash memory products
MASK ROM products
CPU
F2MC-16LX CPU
System clock
On-chip PLL clock multiplier (
1, 2, 3, 4, 6, 1/2 when PLL stops)
Minimum instruction execution time : 42 ns (4 MHz osc. PLL
6)
ROM
External
512 Kbytes :
MB90F345E(S), MB90F345CE(S)
256 Kbytes :
MB90F342E(S), MB90F342CE(S),
MB90F349E(S), MB90F349CE(S)
128 Kbytes :
MB90F347E(S), MB90F347CE(S)
64 Kbytes :
MB90F346E(S), MB90F346CE(S)
256 Kbytes :
MB90342E(S), MB90342CE(S),
MB90349E(S), MB90349CE(S)
128 Kbytes :
MB90341E(S), MB90341CE(S),
MB90347E(S), MB90347CE(S),
MB90348E(S), MB90348CE(S)
64 Kbytes :
MB90346E(S), MB90346CE(S)
RAM
30 Kbytes
20 Kbytes :
MB90F345E(S), MB90F345CE(S)
16 Kbytes :
MB90F342E(S), MB90F342CE(S),
MB90F349E(S), MB90F349CE(S)
6 Kbytes :
MB90F347E(S), MB90F347CE(S)
2 Kbytes :
MB90F346E(S), MB90F346CE(S)
16 Kbytes :
MB90341E(S), MB90341CE(S),
MB90342E(S), MB90342CE(S),
MB90348E(S), MB90348CE(S),
MB90349E(S), MB90349CE(S)
6 Kbytes :
MB90347E(S), MB90347CE(S)
2 Kbytes :
MB90346E(S), MB90346CE(S)
Emulator-specific power
supply*
Yes
Technology
0.35
m CMOS with
regulator for built-in
power supply
0.35
m CMOS with built-in power supply regulator
Flash memory with Charge pump for programming voltage
Operating
voltage range
5 V
10
3.5 V to 5.5 V : When normal operating (not using A/D converter)
4.0 V to 5.5 V : When using the A/D converter/Flash programming
4.5 V to 5.5 V : When using the external bus
Temperature range
40°C to 105°C
Package
PGA-299
QFP-100, LQFP-100
LIN-UART
5 channels
4 channels
Wide range of baud rate settings using a dedicated baud rate generator (reload timer)
Special synchronous options for adapting to different synchronous serial protocols
LIN functionality working either as master or slave LIN device
I2C (400 kbps)
2 channels
Devices with a C suffix in the part number : 2 channels
Devices without a C suffix in the part number :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com