Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96345 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB96345
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96345 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB96345 Datasheet HTML 35Page - Cypress Semiconductor MB96345 Datasheet HTML 36Page - Cypress Semiconductor MB96345 Datasheet HTML 37Page - Cypress Semiconductor MB96345 Datasheet HTML 38Page - Cypress Semiconductor MB96345 Datasheet HTML 39Page - Cypress Semiconductor MB96345 Datasheet HTML 40Page - Cypress Semiconductor MB96345 Datasheet HTML 41Page - Cypress Semiconductor MB96345 Datasheet HTML 42Page - Cypress Semiconductor MB96345 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 39 of 109
0004B3H-0004BBH
Reserved
-
0004BCH
I/O Port P00 - External Pin State Register
EPSR00
R
0004BDH
I/O Port P01 - External Pin State Register
EPSR01
R
0004BEH
I/O Port P02 - External Pin State Register
EPSR02
R
0004BFH
I/O Port P03 - External Pin State Register
EPSR03
R
0004C0H
I/O Port P04 - External Pin State Register
EPSR04
R
0004C1H
I/O Port P05 - External Pin State Register
EPSR05
R
0004C2H
I/O Port P06 - External Pin State Register
EPSR06
R
0004C3H
I/O Port P07 - External Pin State Register
EPSR07
R
0004C4H
I/O Port P08 - External Pin State Register
EPSR08
R
0004C5H
I/O Port P09 - External Pin State Register
EPSR09
R
0004C6H
I/O Port P10 - External Pin State Register
EPSR10
R
0004C7H-0004CFH
Reserved
-
0004D0H
ADC analog input enable register 0
ADER0
R/W
0004D1H
ADC analog input enable register 1
ADER1
R/W
0004D2H
ADC analog input enable register 2
ADER2
R/W
0004D3H
ADC analog input enable register 3
ADER3
R/W
0004D4H
ADC analog input enable register 4
ADER4
R/W
0004D5H
Reserved
-
0004D6H
Peripheral Resource Relocation Register 0
PRRR0
R/W
0004D7H
Peripheral Resource Relocation Register 1
PRRR1
R/W
0004D8H
Peripheral Resource Relocation Register 2
PRRR2
R/W
0004D9H
Peripheral Resource Relocation Register 3
PRRR3
R/W
0004DAH
Peripheral Resource Relocation Register 4
PRRR4
R/W
0004DBH
Peripheral Resource Relocation Register 5
PRRR5
R/W
0004DCH
Peripheral Resource Relocation Register 6
PRRR6
R/W
0004DDH
Peripheral Resource Relocation Register 7
PRRR7
R/W
0004DEH
Peripheral Resource Relocation Register 8
PRRR8
R/W
0004DFH
Peripheral Resource Relocation Register 9
PRRR9
R/W
0004E0H
RTC - Sub Second Register L
WTBRL0
WTBR0
R/W
0004E1H
RTC - Sub Second Register M
WTBRH0
R/W
0004E2H
RTC - Sub-Second Register H
WTBR1
R/W
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com