Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB96345 Datasheet(PDF) 47 Page - Cypress Semiconductor

Part # MB96345
Description  8-byte instruction execution queue
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96345 Datasheet(HTML) 47 Page - Cypress Semiconductor

Back Button MB96345 Datasheet HTML 43Page - Cypress Semiconductor MB96345 Datasheet HTML 44Page - Cypress Semiconductor MB96345 Datasheet HTML 45Page - Cypress Semiconductor MB96345 Datasheet HTML 46Page - Cypress Semiconductor MB96345 Datasheet HTML 47Page - Cypress Semiconductor MB96345 Datasheet HTML 48Page - Cypress Semiconductor MB96345 Datasheet HTML 49Page - Cypress Semiconductor MB96345 Datasheet HTML 50Page - Cypress Semiconductor MB96345 Datasheet HTML 51Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 109 page
background image
MB96340 Series
Document Number: 002-04579 Rev. *A
Page 47 of 109
00074EH
CAN0 - IF2 Data A1 Low
IF2DTA1L0
IF2DTA10
R/W
00074FH
CAN0 - IF2 Data A1 High
IF2DTA1H0
R/W
000750H
CAN0 - IF2 Data A2 Low
IF2DTA2L0
IF2DTA20
R/W
000751H
CAN0 - IF2 Data A2 High
IF2DTA2H0
R/W
000752H
CAN0 - IF2 Data B1 Low
IF2DTB1L0
IF2DTB10
R/W
000753H
CAN0 - IF2 Data B1 High
IF2DTB1H0
R/W
000754H
CAN0 - IF2 Data B2 Low
IF2DTB2L0
IF2DTB20
R/W
000755H
CAN0 - IF2 Data B2 High
IF2DTB2H0
R/W
000756H-00077FH
Reserved
-
000780H
CAN0 - Transmission Request 1 Register Low
TREQR1L0
TREQR10
R
000781H
CAN0 - Transmission Request 1 Register High
TREQR1H0
R
000782H
CAN0 - Transmission Request 2 Register Low
TREQR2L0
TREQR20
R
000783H
CAN0 - Transmission Request 2 Register High
TREQR2H0
R
000784H-00078FH
Reserved
-
000790H
CAN0 - New Data 1 Register Low
NEWDT1L0
NEWDT10
R
000791H
CAN0 - New Data 1 Register High
NEWDT1H0
R
000792H
CAN0 - New Data 2 Register Low
NEWDT2L0
NEWDT20
R
000793H
CAN0 - New Data 2 Register High
NEWDT2H0
R
000794H-00079FH
Reserved
-
0007A0H
CAN0 - Interrupt Pending 1 Register Low
INTPND1L0
INTPND10
R
0007A1H
CAN0 - Interrupt Pending 1 Register High
INTPND1H0
R
0007A2H
CAN0 - Interrupt Pending 2 Register Low
INTPND2L0
INTPND20
R
0007A3H
CAN0 - Interrupt Pending 2 Register High
INTPND2H0
R
0007A4H-0007AFH
Reserved
-
0007B0H
CAN0 - Message Valid 1 Register Low
MSGVAL1L0
MSGVAL10
R
0007B1H
CAN0 - Message Valid 1 Register High
MSGVAL1H0
R
0007B2H
CAN0 - Message Valid 2 Register Low
MSGVAL2L0
MSGVAL20
R
0007B3H
CAN0 - Message Valid 2 Register High
MSGVAL2H0
R
0007B4H-0007CDH
Reserved
-
0007CEH
CAN0 - Output enable register
COER0
R/W
0007CFH-0007FFH
Reserved
-
000800H
CAN1 - Control register Low
CTRLRL1
CTRLR1
R/W
Table 4: I/O map MB96(F)34x
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com