Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FST5X20PIGTAIL Datasheet(PDF) 4 Page - Schurter Inc.

Part # FST5X20PIGTAIL
Description  Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FST5X20PIGTAIL Datasheet(HTML) 4 Page - Schurter Inc.

  FST5X20PIGTAIL Datasheet HTML 1Page - Schurter Inc. FST5X20PIGTAIL Datasheet HTML 2Page - Schurter Inc. FST5X20PIGTAIL Datasheet HTML 3Page - Schurter Inc. FST5X20PIGTAIL Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Fuses
FST 5x20 Pigtail
https://www.schurter.com /PG01_2
Fuses
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
max. [mW]
Power Dissi-
pation 1.5 In
typ. [mW]
Melting I²t
10.0 Intyp.
[A²s]
Order Number
1.25
250
1)
150
60
1600
300
5.5
l
0034.3118.PT
1.25
250
1)
150
60
1600
300
5.5
l
0034.3118.TR
1.6
250
1)
150
60
1600
300
10.5
l
0034.3119.PT
1.6
250
1)
150
60
1600
300
10.5
l
0034.3119.TR
2
250
1)
150
60
1600
300
16
l
0034.3120.PT
2
250
1)
150
60
1600
300
16
l
0034.3120.TR
2.5
250
1)
120
60
1600
400
21.9
l
0034.3121.PT
2.5
250
1)
120
60
1600
400
21.9
l
0034.3121.TR
3.15
250
1)
100
60
1600
500
47
l
0034.3122.PT
█
3.15
250
1)
100
60
1600
500
47
l
0034.3122.TR
4
250
2)
100
60
1600
800
68.3
l
0034.3123.PT
4
250
2)
100
60
1600
800
68.3
l
0034.3123.TR
5
250
2)
100
60
1600
900
102
l
0034.3124.PT
5
250
2)
100
60
1600
900
102
l
0034.3124.TR
6.3
250
2)
100
60
1600
1000
190
l
0034.3125.PT
6.3
250
2)
100
60
1600
1000
190
l
0034.3125.TR
8
250
2)
100
60
4000
1300
275
l
0034.3126.PT
8
250
2)
100
60
4000
1300
275
l
0034.3126.TR
10
250
2)
100
60
4000
1300
520
0034.3127.PT
10
250
2)
100
60
4000
1300
520
0034.3127.TR
12.5
250
3)
-
60
-
2500
750
0034.3128.PT
12.5
250
3)
-
60
-
2500
750
0034.3128.TR
16
250
3)
-
60
-
3300
1638
0034.3129.PT
16
250
3)
-
60
-
3300
1638
0034.3129.TR
20
250
3)
-
60
-
4200
3057
0034.3130.PT
20
250
3)
-
60
-
4200
3057
0034.3130.TR
█ Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
1) 35 A @ 250 VAC
2) 10 In @ 250 VAC
3) 125 A @ 250 VAC
Packaging Unit
.xx = .PT Bulk (1000 pcs.)
.xx = .TR Taped 33 cm Reel (1000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com