Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FST5X20PIGTAIL Datasheet(PDF) 1 Page - Schurter Inc.

Part # FST5X20PIGTAIL
Description  Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FST5X20PIGTAIL Datasheet(HTML) 1 Page - Schurter Inc.

  FST5X20PIGTAIL Datasheet HTML 1Page - Schurter Inc. FST5X20PIGTAIL Datasheet HTML 2Page - Schurter Inc. FST5X20PIGTAIL Datasheet HTML 3Page - Schurter Inc. FST5X20PIGTAIL Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Fuses
FST 5x20 Pigtail
https://www.schurter.com /PG01_2
Fuses
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
See below:
Approvals and Compliances
IEC 60127-2 · 250VAC · Time-Lag T
Description
- IEC Standard Fuse
- L = Low Breaking Capacity (Glass Tube)
Unique Selling Proposition
- Suitable for pulse-shaped continuous currents
Applications
- Primary Protection on PCB
References
Packaging Details
Weblinks
pdf datasheet, html-datasheet, General Product Information, Packaging
details, Distributor-Stock-Check, Detailed request for product
Application Note Primary Protection in Equipmentwith further information on increased Pulse Strength and their test conditions according to inter-
national standards see Impulse Withstand Voltage
Technical Data
Rated Voltage
250 VAC
Rated current
0.05 - 20 A
Breaking Capacity
35 A - 200 A
Characteristic
Time-Lag T
Admissible Ambient Air Temp. -55 °C to 125 °C
Climatic Category
55/125/21 acc. to IEC 60068-1
Material: Tube
Glass
Material: Endcaps
Nickel-Plated Copper Alloy
Material: Axial Leads
Tin-Plated Copper
Unit Weight
1.48 g
Storage Conditions
0 °C to 60 °C, max. 70% r.h.
Product Marking
, Rated current, Rated Voltage, Cha-
racteristic, Breaking Capacity, Approvals
Soldering Methods
Wave
Soldering Profile
Solderability
235 °C / 2 sec acc. to IEC 60068-2-20,
Test Ta, method 1
Resistance to Soldering Heat
260 °C / 5 sec acc. to IEC 60068-2-20,
Test Tb, method 1A
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: FST 5x20 Pigtail
Approval Logo
Certificates
Certification Body
Description
UL Approvals
UL
UL File Number: E41599
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
UL 248-14
Low voltage fuses - Part 14: Additional fuses
Designed according to
CSA22.2 No. 248.14
Low-Voltage Fuses - Part 14: Supplemental Fuses


Similar Part No. - FST5X20PIGTAIL

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL Datasheet
326Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
29.09.2021
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL Datasheet
326Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
04.01.2022
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL_V01 Datasheet
326Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
29.09.2021
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL_V02 Datasheet
326Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
04.01.2022
More results

Similar Description - FST5X20PIGTAIL

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
00341513XX SCHURTER-00341513XX Datasheet
415Kb / 2P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
logo
Cherry Semiconductor Co...
0001.2501.PT CHERRY-0001.2501.PT Datasheet
438Kb / 3P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
logo
Schurter Inc.
0001.2501.PT SCHURTER-0001.2501.PT Datasheet
252Kb / 3P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
0034.1506.TR SCHURTER-0034.1506.TR Datasheet
251Kb / 3P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL Datasheet
283Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
SPT5X20PIGTAIL SCHURTER-SPT5X20PIGTAIL Datasheet
285Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL_V01 Datasheet
295Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
29.09.2021
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL_V01 Datasheet
326Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
29.09.2021
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL_V02 Datasheet
326Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
04.01.2022
FSF5X20PIGTAIL SCHURTER-FSF5X20PIGTAIL_V02 Datasheet
295Kb / 4P
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, L, 250 VAC
04.01.2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com