Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY2VC511 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2VC511
Description  27 MHz Clock Generator with VCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2VC511 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2VC511 Datasheet HTML 1Page - Cypress Semiconductor CY2VC511 Datasheet HTML 2Page - Cypress Semiconductor CY2VC511 Datasheet HTML 3Page - Cypress Semiconductor CY2VC511 Datasheet HTML 4Page - Cypress Semiconductor CY2VC511 Datasheet HTML 5Page - Cypress Semiconductor CY2VC511 Datasheet HTML 6Page - Cypress Semiconductor CY2VC511 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRELIMINARY
CY2VC511
Document Number: 001-10796 Rev. *D
Page 3 of 7
VCXO and VIN
The output frequency of the device is adjusted over a limited
range by use of the VCXO feature. This feature is typically used
to phase and frequency lock to a separate reference clock. The
frequency is controlled by the analog voltage on the VIN pin. The
nominal output frequency is generated when VIN = 1.65V. As the
voltage on VIN is increased, the output frequency increases. The
voltage range for VIN is from 0V (VSS) to VDD. The relationship
between output frequency (ppm) to VIN voltage is very linear
over a large portion of the control voltage range.
Application Information
Power Supply Filtering Techniques
As in any high speed analog circuitry, noise on the power supply
pins can degrade device performance. For general power plane
decoupling, make certain there is at least one tantalum capacitor
(~5 to 10
μF) in the general vicinity of this device. Additionally,
ensure there is one or two multi-layer ceramic chip capacitors
(0.01 or 0.1
μF) located as close as possible to the power and
ground pins of the device. Ensure the layout is optimized to
minimize power and ground inductance and locate the capacitor
as close to the device pins as possible.
Frequency Table
Input
Output Frequency (MHz)
Reference Frequency (MHz)
PLL Multiplier Value
27
1
27
Absolute Maximum Conditions
Parameter
Description
Condition
Min
Max
Unit
VDD
Supply Voltage
–0.5
4.4
V
VIN
[1]
Input Voltage, DC
Relative to VSS
–0.5
VDD + 0.5
V
TS
Temperature, Storage
Non operating
–65
150
°C
TJ
Temperature, Junction
125
°C
ESDHBM
ESD Protection (Human Body Model)
JEDEC STD 22-A114-B
2000
V
UL–94
Flammability Rating
At 1/8 in
V–0
Θ
JA
[2]
Thermal Resistance, Junction to
Ambient
0 m/s airflow
84
°C/W
1 m/s airflow
79
2.5 m/s airflow
76
Operating Conditions
Parameter
Description
Min
Typ
Max
Unit
VDD
Supply Voltage Range
3.135
3.3
3.465
V
TA
Ambient Temperature
0
70
°C
TPU
Power up time for VDD to reach minimum specified voltage (ensure power ramp
is monotonic)
0.05
500
ms
CLOAD
Load Capacitance on CLK output
15
pF
Notes
1. The voltage on any input or output pin cannot exceed the power pin during power up.
2. Simulated using Apache Sentinel TI software. The board is derived from the JEDEC multilayer standard. It measures 76 x 114 x 1.6 mm and has 4-layers of
copper (2/1/1/2 oz.). The internal layers are 100% copper planes, while the top and bottom layers have 50% metalization. No vias are included in the model.
[+] Feedback



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com