Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CY2VC511 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2VC511
Description  27 MHz Clock Generator with VCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2VC511 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2VC511 Datasheet HTML 1Page - Cypress Semiconductor CY2VC511 Datasheet HTML 2Page - Cypress Semiconductor CY2VC511 Datasheet HTML 3Page - Cypress Semiconductor CY2VC511 Datasheet HTML 4Page - Cypress Semiconductor CY2VC511 Datasheet HTML 5Page - Cypress Semiconductor CY2VC511 Datasheet HTML 6Page - Cypress Semiconductor CY2VC511 Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PRELIMINARY
CY2VC511
Document Number: 001-10796 Rev. *D
Page 4 of 7
Parameter Measurements
Figure 2. Output Duty Cycle Timing
Figure 3. Output Rise and Fall Time
DC Electrical Characteristics
Parameter
Description
Condition
Min
Typ
Max
Unit
IDD
Operating Supply Current
VDD = 3.465V, output unloaded
110
mA
VOH
High Output Voltage
VDD = min, IOH = –4 mA
0.9*VDD
––
V
VOL
Low Output Voltage
VDD = max, IOL = 4 mA
0.1*VDD
V
VIH
Input High Voltage
For REFIN
1.25
1.8
V
VIL
Input Low Voltage
For REFIN
0.25
V
VVIN
VIN Input Voltage
0
VDD
V
IVIN
VIN Input Current
VSS ≤ VIN ≤ VDD
–10
60
μA
INLVIN
[3, 4]
VIN to FOUT Integral Nonlin-
earity
VSS ≤ VIN ≤ VDD
–1
%
AC Electrical Characteristics [3]
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
FOUT
Output Frequency
27
MHz
PR
Pull Range
VIN = VDD to VSS, relative to nominal fOUT
(VIN = 1.65V) across operating temperature and
supply voltage.
±115
ppm
TDC
Duty Cycle
Measured at VDD/2, defined in Figure 2
45
50
55
%
TR
Output Rise Time
20% to 80% of VDD, CLOAD = 15 pF
0.7
1.5
ns
TF
Output Fall Time
80% to 20% of VDD, CLOAD = 15 pF
0.8
1.5
ns
TLOCK
Start Up Time
Time for CLK to reach valid frequency measured
from the time VDD = VDD (min)
––
5
ms
Note
3. Not 100% tested, guaranteed by design and characterization.
4. Integral nonlinearity is defined in IEEE Standard 1241-2000.
CLK
T
PW
T
PERIOD
T
DC =
T
PW
T
PERIOD
CLK
20%
80%
TR
TF
20%
80%
VDD
0V
[+] Feedback



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com