Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS43L36 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 46Page - Cirrus Logic CS43L36 Datasheet HTML 47Page - Cirrus Logic CS43L36 Datasheet HTML 48Page - Cirrus Logic CS43L36 Datasheet HTML 49Page - Cirrus Logic CS43L36 Datasheet HTML 50Page - Cirrus Logic CS43L36 Datasheet HTML 51Page - Cirrus Logic CS43L36 Datasheet HTML 52Page - Cirrus Logic CS43L36 Datasheet HTML 53Page - Cirrus Logic CS43L36 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 89 page
background image
DS1081F3
50
CS43L36
5.2 Power-Down Sequence
5.2 Power-Down Sequence
Ex. 5-2 is the procedure for powering down the HP playback.
4.16Disable the SRC
bypass.
Serial Port SRC Control. 0x1007
0x10
Reserved
I2C_DRIVE
Reserved
SRC_BYPASS_DAC
Reserved
0001
0
0
0
0
—
I2C output drive strength normal
—
SRC not bypassed for DAC path
—
5
Enable SCLK.
ASP Clock Configuration 1. 0x1207
0x20
Reserved
ASP_SCLK_EN
ASP_HYBRID_MODE
Reserved
ASP_SCPOL_IN_DAC
ASP_LCPOL_OUT
ASP_LCPOL_IN
00
1
0
0
0
0
0
—
ASP SCLK enabled.
LRCK is an input generated from SCLK.
—
SCLK input drive polarity for DAC is normal.
LRCK output drive polarity is normal.
LRCK input polarity (pad to logic) is normal.
6
Configure the DAC.
DAC Control 1. 0x1F01
0x00
Reserved
DACB_INV
DACA_INV
0000 00
0
0
—
DACA signal not inverted.
DACB signal not inverted.
7
Configure the appropriate volume controls and DAC source selects.
7.1 Set Mixer A input to
0 dB.
Channel A Input Volume. 0x2301
0x00
Reserved
CHA_VOL
00
00 0000
—
Input A is set to 0 dB.
7.2 Set Mixer B input to
0 dB.
Channel B Input Volume. 0x2303
0x00
Reserved
CHB_VOL
00
00 0000
—
Input B is set to 0 dB.
8
Configure the HP control.HP Control. 0x2001
0x03
Reserved
ANA_MUTE_B
ANA_MUTE_A
FULL_SCALE_VOL
Reserved
0000
0
0
1
1
—
Channel B is unmuted.
Channel A is unmuted.
Full-scale volume is -6dB for headphone output.
—
9
Power up the DAC/HP. Power Down Control 1. 0x1101
0x96
Reserved
ASP_DAI_PDN
MIXER_PDN
Reserved
HP_PDN
Reserved
PDN_ALL
1
0
0
1
0
11
0
—
ASP input path is powered up.
Mixer is powered up.
—
HPOUT powered up.
—
DAC powered up.
10 The headphone amplifier is operational after 10 ms.
Example 5-2. Power-Down Sequence
STEP TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1 Configure the DAC/volume Channels.
1.1 Mute Volume A input. Channel A Input Volume. 0x2301
0x3F
Reserved
CHA_VOL
00
11 1111
—
Input A is muted.
1.2 Mute Volume B input. Channel B Input Volume. 0x2303
0x3F
Reserved
CHB_VOL
00
11 1111
—
Input B is muted.
1.3 Mute Channel A and
B inputs.
HP Control. 0x2001
0x0F
Reserved
ANA_MUTE_B
ANA_MUTE_A
FULL_SCALE_VOL
Reserved
0000
1
1
1
1
—
Channel B is muted.
Channel A is muted.
Full-scale volume is –6 dB for headphone output.
—
1.4 Disable SCLK.
ASP Clock Configuration 1. 0x1207
0x00
Reserved
ASP_SCLK_EN
ASP_HYBRID_MODE
Reserved
ASP_SCPOL_IN_DAC
ASP_LCPOL_OUT
ASP_LCPOL_IN
00
0
0
0
0
0
0
—
ASP SCLK disabled.
LRCK is an output generated from SCLK.
—
SCLK input drive polarity for DAC is normal.
LRCK output drive polarity is normal.
LRCK input polarity (pad to logic) is normal.
Example 5-1. Power-Up Sequence (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com