Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXTL2N470 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTL2N470
Description  N-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTL2N470 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTL2N470 Datasheet HTML 1Page - IXYS Corporation IXTL2N470 Datasheet HTML 2Page - IXYS Corporation IXTL2N470 Datasheet HTML 3Page - IXYS Corporation IXTL2N470 Datasheet HTML 4Page - IXYS Corporation IXTL2N470 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2016 IXYS CORPORATION, All Rights Reserved
DS100759(11/16)
High Voltage
Power MOSFET
N-Channel Enhancement Mode
IXTL2N470
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
C to 150C
4700
V
V
DGR
T
J
= 25
C to 150C, R
GS = 1M
4700
V
V
GSS
Continuous
20
V
V
GSM
Transient
30
V
I
D25
T
C = 25C2
A
I
DM
T
C = 25C, Pulse Width Limited by TJM
8A
P
D
T
C = 25C
220
W
T
J
- 55 ... +150
C
T
JM
150
C
T
stg
- 55 ... +150
C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
F
C
Mounting Force
20..120 / 4.5..27
N/lb.
V
ISOL
50/60Hz, 1 Minute
4000
V~
Weight
8
g
V
DSS
= 4700V
I
D25
= 2A
R
DS(on)




 20
G = Gate
S = Source
D = Drain
ISOPLUS i5-PakTM
G
S
D
Isolated
Tab
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
V
GS(th)
V
DS = VGS, ID = 250A
3.5
6.0
V
I
GSS
V
GS = 20V, VDS = 0V
200 nA
I
DSS
V
DS = 3.6kV, VGS = 0V
10
A
V
DS = 4.7kV
50 μA
V
DS = 3.6kV
Note 2, T
J = 125C
250
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
20
Features
Silicon Chip on Direct-Copper Bond
(DCB) Substrate
Isolated Mounting Surface
4000V~ RMS Electrical Isolation
Molding Epoxies meet UL 94 V-0
Flammability Classification
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
High Voltage Power Supplies
Capacitor Discharge Applications
Pulse Circuits
Laser and X-Ray Generation Systems
(Electrically Isolated Tab)
Advance Technical Information


Similar Part No. - IXTL2N470

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTL2N450 IXYS-IXTL2N450 Datasheet
137Kb / 5P
Preliminary Technical Information
More results

Similar Description - IXTL2N470

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Technolo...
ARF446 ADPOW-ARF446 Datasheet
61Kb / 4P
N-CHANNEL ENHANCEMENT MODE
ARF450 ADPOW-ARF450 Datasheet
178Kb / 4P
N-CHANNEL ENHANCEMENT MODE
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
N P-Channel Enhancement Mode Enhancement Mode
logo
Guangdong Kexin Industr...
KO3414 KEXIN-KO3414 Datasheet
53Kb / 2P
N-Channel Enhancement Mode
logo
IXYS Corporation
IXTH60N20L2 IXYS-IXTH60N20L2 Datasheet
155Kb / 5P
N-Channel Enhancement Mode
IXTH220N075T IXYS-IXTH220N075T Datasheet
190Kb / 5P
N-Channel Enhancement Mode
IXTR62N15P IXYS-IXTR62N15P Datasheet
212Kb / 2P
N-Channel Enhancement Mode
logo
New Jersey Semi-Conduct...
VN0104N2 NJSEMI-VN0104N2 Datasheet
68Kb / 1P
N-Channel Enhancement-Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com