Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXTL2N470 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTL2N470
Description  N-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTL2N470 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTL2N470 Datasheet HTML 1Page - IXYS Corporation IXTL2N470 Datasheet HTML 2Page - IXYS Corporation IXTL2N470 Datasheet HTML 3Page - IXYS Corporation IXTL2N470 Datasheet HTML 4Page - IXYS Corporation IXTL2N470 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTL2N470
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 60V, ID = 0.5 • ID25, Note 1
2.1
3.5
S
C
iss
6860
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
267
pF
C
rss
105
pF
R
Gi
Integrated Gate Input Resistance
4.0

t
d(on)
40
ns
t
r
34
ns
t
d(off)
123
ns
t
f
205
ns
Q
g(on)
180
nC
Q
gs
V
GS = 10V, VDS = 1kV, ID = 0.5 • ID25
34
nC
Q
gd
83
nC
R
thJC
0.56
C/W
R
thCS
0.15
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
2
A
I
SM
Repetitive, Pulse Width Limited by T
JM
8
A
V
SD
I
F = IS, VGS = 0V, Note 1
3
V
t
rr
I
F = 2A, -di/dt = 100A/μs, VR = 100V
1.75
μs
Notes: 1. Pulse test, t
 300s, duty cycle, d  2%.
2. Part must be heatsunk for high-temp Idss measurement.
Resistive Switching Times
V
GS = 10V, VDS = 1kV, ID = 1A
R
G = 0 (External)
ADVANCE TECHNICAL INFORMATION
The product presented herein is under development. The Technical Specifications offered are
derived from a subjective evaluation of the design, based upon prior knowledge and experi-
ence, and constitute a "considered reflection" of the anticipated result. IXYS reserves the right
to change limits, test conditions, and dimensions without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com