Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4284DV Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4284DV
Description  Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284DV Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4284DV Datasheet HTML 2Page - Infineon Technologies AG TLE4284DV Datasheet HTML 3Page - Infineon Technologies AG TLE4284DV Datasheet HTML 4Page - Infineon Technologies AG TLE4284DV Datasheet HTML 5Page - Infineon Technologies AG TLE4284DV Datasheet HTML 6Page - Infineon Technologies AG TLE4284DV Datasheet HTML 7Page - Infineon Technologies AG TLE4284DV Datasheet HTML 8Page - Infineon Technologies AG TLE4284DV Datasheet HTML 9Page - Infineon Technologies AG TLE4284DV Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TLE 4284
Target Data Sheet Rev. 0.2
6
2000-10-06
Note: In the operating range, the functions given in the circuit description are fulfilled.
Operating Range
Parameter
Symbol
Limit Values
Unit Remarks
min.
max.
Input Voltage
V
I
6.3
40
V
TLE 4284 DV33
Input Voltage
V
I
8.0
40
V
TLE 4284 DV50
Input - Output
Voltage Difference
V
I – VQ
3
40
V
TLE 4284 DV
Load Current Range
I
Q
10
Internally
limited
mA
–
Junction temperature
T
j
– 40
150
°C
–
Thermal Resistance
Junction ambient
R
thja
–
144
K/W P-TO252-3-1
zero airflow,
zero heat sink area
Junction case
R
thjc
–
4K/W –



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com