Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4284DV Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4284DV
Description  Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284DV Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4284DV Datasheet HTML 4Page - Infineon Technologies AG TLE4284DV Datasheet HTML 5Page - Infineon Technologies AG TLE4284DV Datasheet HTML 6Page - Infineon Technologies AG TLE4284DV Datasheet HTML 7Page - Infineon Technologies AG TLE4284DV Datasheet HTML 8Page - Infineon Technologies AG TLE4284DV Datasheet HTML 9Page - Infineon Technologies AG TLE4284DV Datasheet HTML 10Page - Infineon Technologies AG TLE4284DV Datasheet HTML 11Page - Infineon Technologies AG TLE4284DV Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TLE 4284
Target Data Sheet Rev. 0.2
8
2000-10-06
Characteristics 3.3 V Fixed Output Voltage Device TLE 4284 DV33
–40
°C< T
j <150 °C; VI =8.5 V, IQ = 10 mA; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Measuring Conditions
min.
typ.
max.
Output voltage
V
Q
3.23
3.3
3.37
V
T
j =25 °C, IQ =10 mA
Output voltage
V
Q
3.20
3.3
3.40
V
10 mA
≤ I
Q ≤ 800 mA;
8V
≤ V
I ≤ 14 V
Output voltage
V
Q
–
3.3
–
V10 mA
≤ I
Q ≤ 800 mA;
14 V
≤ V
I ≤ 40 V
Line regulation
∆V
Q
–
310
mV
6.5 V
≤ V
I ≤ 40 V
Load regulation
∆V
Q
–
10
50
mV
10 mA
≤ I
Q ≤ 800 mA;
T
j =25 °C
Drop voltage
V
DR
–
2.10
–
V
I
Q = 100 mA
1)
1)
Drop voltage measured when the output voltage has dropped 100 mV from the nominal value obtained at
V
I =8.5 V.
Drop voltage
V
DR
–
2.15
–
V
I
Q = 500 mA
1)
Drop voltage
V
DR
–
2.20
–
V
I
Q = 800 mA
1)
Current consumption;
I
q = II – IQ
I
q
–
1.1
2.0
mA
I
Q =10 mA
Temperature stability
––
3
–
mV
2)
2)
Guaranteed by design.
Minimum load current
I
Q
–
3.5
10
mA
V =40 V
Current limit
I
Qmax
1000 –
2200 mA
–
Current limit
I
Qmax
50
200
–
mA
V
I =40 V, Tj =25 °C
RMS Output Noise
––
3
–
ppm
ppm of
V
Q, Tj =25 °C
2)
10 Hz
≤ f ≤ 10 kHz
Supply Voltage Ripple
Rejection
PSRR
–
65
–
dB
f
r =120 Hz, Vr =0.5 VSS
C
ADJ =0 µF
2)
Supply Voltage Ripple
Rejection
PSRR
65
80
–
dB
f
r =120 Hz, Vr =0.5 VSS
C
ADJ =10 µF
2)
Long Term Stability
∆V
Q
–
0.3
1
%
T
j = 125 °C, 1000 h
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com