Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VBUS54GD-FBL Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VBUS54GD-FBL
Description  4-Line BUS-Port ESD Protection - Flow Through Design
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS54GD-FBL Datasheet(HTML) 4 Page - Vishay Siliconix

  VBUS54GD-FBL Datasheet HTML 1Page - Vishay Siliconix VBUS54GD-FBL Datasheet HTML 2Page - Vishay Siliconix VBUS54GD-FBL Datasheet HTML 3Page - Vishay Siliconix VBUS54GD-FBL Datasheet HTML 4Page - Vishay Siliconix VBUS54GD-FBL Datasheet HTML 5Page - Vishay Siliconix VBUS54GD-FBL Datasheet HTML 6Page - Vishay Siliconix VBUS54GD-FBL Datasheet HTML 7Page - Vishay Siliconix VBUS54GD-FBL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VBUS54GD-FBL
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 03-May-17
4
Document Number: 85916
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - ESD Discharge Current Wave Form
acc. IEC 61000-4-2 (330
/150 pF)
Fig. 2 - 8/20 μs Peak Pulse Current Wave Form
acc. IEC 61000-4-5
Fig. 3 - Typical Capacitance vs. Reverse Voltage
Fig. 4 - Typical Forward Voltage vs. Forward Current
Fig. 5 - Typical Reverse Voltage vs. Reverse Current
Fig. 6 - Typical Peak Clamping Voltage vs. Peak Pulse Current
10
100
1000
10000
0
20
40
60
80
100
120
-10 0
10 20 30 40 50 60 70 80 90 100
Axis Title
t (ns)
2nd line
Rise time = 0.7 ns to 1 ns
53
27
20557
10
100
1000
10000
0
20
40
60
80
100
010
20
30
40
Axis Title
t (µs)
2nd line
20 µs to 50 %
8 µs to 100 %
20548
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
012345
V
R (V)
2nd line
f = 1 MHz
22798
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
0.8
1
I
F (A)
2nd line
22799
22800
0
1
2
3
4
5
6
7
8
9
0.01
0.1
1
10
100
1000
10 000
I
R (µA)
2nd line
0
2
4
6
8
10
12
14
01234
I
PP (A)
2nd line
Measured according IEC 61000-4-5
(8/20 µs - wave form)
22801



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com