Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VBUS54GD-FBL Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VBUS54GD-FBL
Description  4-Line BUS-Port ESD Protection - Flow Through Design
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS54GD-FBL Datasheet(HTML) 1 Page - Vishay Siliconix

  VBUS54GD-FBL Datasheet HTML 1Page - Vishay Siliconix VBUS54GD-FBL Datasheet HTML 2Page - Vishay Siliconix VBUS54GD-FBL Datasheet HTML 3Page - Vishay Siliconix VBUS54GD-FBL Datasheet HTML 4Page - Vishay Siliconix VBUS54GD-FBL Datasheet HTML 5Page - Vishay Siliconix VBUS54GD-FBL Datasheet HTML 6Page - Vishay Siliconix VBUS54GD-FBL Datasheet HTML 7Page - Vishay Siliconix VBUS54GD-FBL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VBUS54GD-FBL
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 03-May-17
1
Document Number: 85916
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4-Line BUS-Port ESD Protection - Flow Through Design
MARKING (example only)
Dot = pin 1 marking
YY = type code (see table below)
XX = date code
DESIGN SUPPORT TOOLS click logo to get started
FEATURES
• Compact LLP2510-10M package
• Low package height < 0.6 mm
• 4-line ESD protection
• Low leakage current IR < 0.1 μA
• Low capacitance between I/O lines: 0.3 pF
• Ideal for high speed data line like
- HDMI, DisplayPort, eSATA
- USB, 1394/firewire
- Thunderbolt
• ESD immunity acc. IEC 61000-4-2
± 15 kV contact discharge
± 15 kV air discharge
• Soldering can be checked by standard vision inspection,
no X-ray necessary
•e3 - Sn
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
22791
nc.
GND
GND D2+
123
4
5
98
76
nc.
nc.
nc.
D2-
D1+ D1-
22552
10
YYXX
20720
Available
Models
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
(8 mm TAPE ON 7" REEL)
MINIMUM ORDER QUANTITY
VBUS54GD-FBL
VBUS54GD-FBL-G3-08
3000
30 000
PACKAGE DATA
DEVICE NAME
PACKAGE
NAME
TYPE
CODE
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE
SENSITIVITY LEVEL
SOLDERING
CONDITIONS
VBUS54GD-FBL
LLP2510-10M
4G
3.9 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS VBUS54GD-FBL
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
Acc. IEC 61000-4-5; tP = 8/20 μs; single shot
IPPM
3A
Peak pulse power
Acc. IEC 61000-4-5; tP = 8/20 μs; single shot
PPP
45
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 15
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 15
Operating temperature
Junction temperature
TJ
-40 to +125
°C
Storage temperature
TSTG
-55 to +150
°C


Similar Part No. - VBUS54GD-FBL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS54CV-HSF VISHAY-VBUS54CV-HSF Datasheet
173Kb / 7P
4-Line BUS-Port ESD Protection
03-May-17
VBUS54CV-HSF VISHAY-VBUS54CV-HSF Datasheet
180Kb / 7P
4-Line BUS-Port ESD Protection
04-Jan-2019
VBUS54CV-HSF VISHAY-VBUS54CV-HSF_V01 Datasheet
180Kb / 7P
4-Line BUS-Port ESD Protection
04-Jan-2019
VBUS54DD-HS4 VISHAY-VBUS54DD-HS4 Datasheet
131Kb / 5P
4-Line BUS-port ESD-protection
18-Apr-11
VBUS54DD-HS4 VISHAY-VBUS54DD-HS4 Datasheet
152Kb / 6P
4-Line BUS-Port ESD Protection
04-Jan-2019
More results

Similar Description - VBUS54GD-FBL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS054B-HS3 VISHAY-VBUS054B-HS3 Datasheet
309Kb / 9P
4-Line BUS-port ESD-protection
07-Oct-08
VBUS54ED-FBL VISHAY-VBUS54ED-FBL Datasheet
133Kb / 6P
4-Line BUS-Port ESD Protection - Flow Through Design
15-Aug-11
VBUS052CD-FAH VISHAY-VBUS052CD-FAH Datasheet
646Kb / 6P
2-Line BUS-Port ESD-Protection - Flow Through Design
19-May-10
VBUS054CD-FHI VISHAY-VBUS054CD-FHI Datasheet
131Kb / 7P
4-Line BUS-Port ESD-Protection - Flow Through Design
31-May-12
VBUS052CD-FAH-GS08 VISHAY-VBUS052CD-FAH-GS08 Datasheet
139Kb / 7P
2-Line BUS-Port ESD-Protection - Flow Through Design
31-May-12
VBUS54FD-SD1 VISHAY-VBUS54FD-SD1 Datasheet
113Kb / 6P
4-Line BUS-Port ESD Protection Array - Flow Through Design
20-Sep-16
VBUS54CV-HSF VISHAY-VBUS54CV-HSF Datasheet
173Kb / 7P
4-Line BUS-Port ESD Protection
03-May-17
VBUS052C-FAH VISHAY-VBUS052C-FAH Datasheet
136Kb / 7P
2-Line BUS-Port ESD Protection - Flow Through Design
14-Oct-2019
VBUS052CD-FAH VISHAY-VBUS052CD-FAH_V01 Datasheet
137Kb / 7P
2-Line BUS-Port ESD Protection - Flow Through Design
14-Oct-2019
VBUS54FD-SD1 VISHAY-VBUS54FD-SD1_V01 Datasheet
137Kb / 6P
4-Line BUS-Port ESD Protection Array - Flow Through Design
09-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com