Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRH9PP Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LRH9PP
Description  OSLON Black Flat
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRH9PP Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LRH9PP Datasheet HTML 5Page - OSRAM GmbH LRH9PP Datasheet HTML 6Page - OSRAM GmbH LRH9PP Datasheet HTML 7Page - OSRAM GmbH LRH9PP Datasheet HTML 8Page - OSRAM GmbH LRH9PP Datasheet HTML 9Page - OSRAM GmbH LRH9PP Datasheet HTML 10Page - OSRAM GmbH LRH9PP Datasheet HTML 11Page - OSRAM GmbH LRH9PP Datasheet HTML 12Page - OSRAM GmbH LRH9PP Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.7
LR H9PP
2016-11-09
9
Relative Forward Voltage 5) page 21
Relative Vorwärtsspannung 5) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 350 mA
Relative Luminous Flux 5) page 21
Relativer Lichtstrom 5) Seite 21
ΦVV(25 °C) = f(Tj); IF = 350 mA
Dominant Wavelength 5) page 21
Dominante Wellenlänge 5) Seite 21
λdom = f(Tj); IF = 350 mA
LR H9PP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0,15
-0,10
-0,05
0,00
0,05
0,10
0,15
0,20
0,25
∆VF [V]
LR H9PP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
Φv
Φ
v(25°C)
LR H9PP
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-4
-2
0
2
4
6
λ
dom [nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com