Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRH9PP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LRH9PP
Description  OSLON Black Flat
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRH9PP Datasheet(HTML) 5 Page - OSRAM GmbH

  LRH9PP Datasheet HTML 1Page - OSRAM GmbH LRH9PP Datasheet HTML 2Page - OSRAM GmbH LRH9PP Datasheet HTML 3Page - OSRAM GmbH LRH9PP Datasheet HTML 4Page - OSRAM GmbH LRH9PP Datasheet HTML 5Page - OSRAM GmbH LRH9PP Datasheet HTML 6Page - OSRAM GmbH LRH9PP Datasheet HTML 7Page - OSRAM GmbH LRH9PP Datasheet HTML 8Page - OSRAM GmbH LRH9PP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Version 1.7
LR H9PP
2016-11-09
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 21
Durchlassspannungsgruppen 3) Seite 21
Dominant Wavelength Groups
2) page 21
Dominant Wellenlängengruppen
2) Seite 21
Group
Luminous Flux 1) page 21
Luminous Flux 1) page 21
Luminous Intensity
5) page 21
Gruppe
Lichtstrom 1) Seite 21
Lichtstrom 1) Seite 21
Lichtstärke 5) Seite 21
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
HZ
39
45
13.9
JX
45
52
16
JY
52
61
18.6
JZ
61
71
21.8
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
J3
2.00
2.15
M3
2.15
2.30
Q3
2.30
2.45
T3
2.45
2.60
Group
red
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
1
620
632
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com