Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL8064 Datasheet(PDF) 6 Page - SHANGHAI BELLING CO., LTD.

Part # BL8064
Description  200mA Low Consumption Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8064 Datasheet(HTML) 6 Page - SHANGHAI BELLING CO., LTD.

  BL8064_14 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.belling.com.cn
6
BL8064
7.Line transient response
8.Load transient response
Cin=Cout=1uF
Iout=10mA vout=2.8V
Cin=Cout=1uF Vin=4V Vout=2.8V
9.Start up
5V
4V
Vin
Vout
1mA
100mA
Output Current
Output Voltage
Vin
Vout



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com