Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL8064 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8064
Description  200mA Low Consumption Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8064 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8064_14 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8064_14 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.belling.com.cn
2
BL8064
ORDERING INFORMATION
BL8064
1
2
3
4
5
Code
Description
1
Temperature&Rohs:
C:-40~85C ,Pb Free Rohs Std.
2
Package type:
B3:SOT-23-3
B3A:TSOT-23
B5:SOT-23-5
C3:SOT-89-3
H:TO-92
3
Packing type:
TR:Tape&Reel (Standard)
BG:Bag (TO-92)
4
Output voltage:
e.g. 11=1.1V
15=1.5V
55=5.5V
5
Voltage accuracy:
1=±1%
Blank(default)=±2%
MARKING DESCRIPTON
Output Voltage Code
VOUT
Code
VOUT
Code
VOUT
Code
1.2V
2
3.0V
0
4.4V
4
1.3V
3
3.1V
1
4.5V
5
1.5V
5
3.2V
2
4.6V
6
1.8V
8
3.3V
3
4.7V
7
2.0V
3.4V
4
4.8V
8
2.1V
3.5V
5
4.9V
9
2.2V
3.6V
6
5.0V
0
2.3V
3.7V
7
5.1V
1
2.4V
3.8V
8
5.2V
2
2.5V
3.9V
9
5.3V
3
2.6V
4.0V
0
5.4V
4
2.7V
4.1V
1
5.5V
5
2.8V
4.2V
2
2.9V
4.3V
3
Y: The Year of manufacturing,”1” stands for year 2011,
“2” stands for year 2012, and “8” stands for year 2018.
W: The week of manufacturing. ”A” stands for week
1,”Z” stands for week 26,” A ” stands for week 27,” Z
stands for week 52.
PIN CONFIGURATION
Product Classification
BL8064CB3TR□□
Marking
NXYW
N:Product
Code
X:Output
Voltage
YW:Date
Code
Product Classification
BL8064CB3ATR□□
Marking
NXYW
N:Product
Code
X:Output
Voltage
YW:Date
Code
Product Classification
BL8064CB5TR□□
Marking
NXYW
N:Product
Code
X:Output
Voltage
YW:Date
Code
Product Classification
BL8064CC3TR□□
Marking
NXX
LLBYW
N:Product
Code
XX:Output
Voltage
LL:LOT NO.
B:FAB Code
YW:Date Code
Product Classification
BL8064CHBG□□
Marking
NXX
LLBYW
N:Product
Code
XX:Output
Voltage
LL:LOT NO.
B:FAB Code
YW:Date Code
GND
Ground Pin
Vin
Supply Voltage Input
Vout
Output Voltage
EN
Chip Enable
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com