Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL8071CLATR331 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8071CLATR331
Description  1.5A Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8071CLATR331 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8071CLATR331 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.belling.com.cn
3
BL8071
ELECTRICAL CHARACTERISTICS
Test Conditions: CIN=4.7uF,COUT=4.7uF,TA=25C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Input Voltage
1.5*
6
V
VOUT
Output
Voltage
VOUT>1.5
VDD=Set VOUT+1V
1mA≤IOUT≤10mA
VOUT
X0.98
VOUT
VOUT
X1.02
V
VOUT<=1.5
VOUT
-0.03
VOUT
+0.03
IOUT (Max.) **
Maximum Output Current
VDD-VOUT=1V
1.5
A
VDROP
Dropout Voltage
VOUT =3.3V, IOUT=1A
300
500
mV
Vout
Vin
Vout
Line Regulation
IOUT=10mA, 4V≤VDD≤6V
0.05
0.2
%/V
Vout
Load Regulation
VDD=Set VOUT+1V
1mA≤IOUT≤2.5A
30
60
mV
Is
Supply Current
VDD=Set VOUT+1V, VOUT Floating
100
150
uA
Vout
T
Vout
Output
Voltage
Temperature Coefficient
IOUT=10mA
±100
ppm/C
PSRR
Ripple Rejection
f=100Hz, Ripple=0.5Vp-p,
VDD=Set VOUT+1V
70
dB
en
Output Noise
BW=10Hz~100KHz
44
uVrms
Note: *Iout=500mA@Vout=1.2V
**The maximum power rating of each package is a constant, so along with the change of ILOAD, the VDD-VOUT
should be controlled to a certain range to ensure the normal operation.
THERMAL CONSIDERATIONS
We have to take heat dissipation into great consideration when output current or differential voltage of input and
output voltage is large. Because in such cases, the power dissipation consumed by BL8071 is very large. BL8071 series
uses SOT-223 package type and its thermal resistance is about 20°C/W. And the copper area of application board can
affect the total thermal resistance. If copper area is 5cm*5cm (two sides), the resistance is about 30°C/W. So the total
thermal resistance is about 20°C/W + 30°C/W. In this case, the power dissipation should be limited less than 1.2W. We
can decrease total thermal resistance by increasing copper area in application board. When there is no good heat
dissipation copper are in PCB, the total thermal resistance will be as high as 120°C/W, then the power dissipation of
BL8071 could allow on itself is less than 1W. And furthermore, BL8071 will work at junction temperature higher than
125°C under such condition and no lifetime is guaranteed.
CURRENT LIMIT MODE
Current Limit module can keep chip and power system away from danger when load current is too
large. When Vout decrease the Short Circuit Current will fold back to a small value.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com