Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL8071CLATR331 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL8071CLATR331
Description  1.5A Linear Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8071CLATR331 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL8071CLATR331 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8071CLATR331 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.belling.com.cn
4
BL8071
TYPICAL PERFORMANCE CHARACTERISTICS
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
0.0
0.5
1.0
1.5
Iout(A)
Load Regulation
(Vout=3.3V)
Vin=5.0V
Vin=4.3V
Vin=4.0V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.5
1.0
1.5
Iout(A)
Load Regulation
(Vout=1.2V)
Vin=5.0V
Vin=3.0V
Vin=2.0V
Vin=1.8V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
6
Vin(V)
Line Regulation
Vout=3.3V
Vout=1.2V
0
50
100
150
200
250
0
1
2
3
4
5
6
Vin(V)
Iq
Vout=3.3V
Vout=1.2V
0
100
200
300
400
500
600
700
800
900
0
0.5
1
1.5
Iout(A)
Dropout Voltage
Vout=3.3V
Vout=1.2V
2.0
2.5
3.0
3.5
4.0
(50)
0
50
100
150
Temperature(℃)
Vout vs. Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com