Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPD80R360P7 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPD80R360P7
Description  800V CoolMOS짧 P7 Power Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD80R360P7 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPD80R360P7 Datasheet HTML 1Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 2Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 3Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 4Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 5Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 6Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 7Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 8Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
800VCoolMOSªP7PowerTransistor
IPD80R360P7
Rev.2.1,2018-02-09
Final Data Sheet
1Maximumratings
atTj=25°C,unlessotherwisespecified
Table2Maximumratings
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Continuous drain current
1)
ID
-
-
-
-
13
8.6
A
TC=25°C
TC=100°C
Pulsed drain current
2)
ID,pulse
-
-
34
A
TC=25°C
Avalanche energy, single pulse
EAS
-
-
34
mJ
ID=2.0A; VDD=50V
Avalanche energy, repetitive
EAR
-
-
0.28
mJ
ID=2.0A; VDD=50V
Avalanche current, repetitive
IAR
-
-
2.0
A
-
MOSFET dv/dt ruggedness
dv/dt
-
-
100
V/ns
VDS=0to400V
Gate source voltage
VGS
-20
-30
-
-
20
30
V
static;
AC (f>1 Hz)
Power dissipation
Ptot
-
-
84
W
TC=25°C
Operating and storage temperature
Tj,Tstg
-55
-
150
°C
-
Continuous diode forward current
IS
-
-
10
A
TC=25°C
Diode pulse current
2)
IS,pulse
-
-
34
A
TC=25°C
Reverse diode dv/dt
3)
dv/dt
-
-
1
V/ns
VDS=0to400V,ISD<=2.8A,Tj=25°C
Maximum diode commutation speed
3)
dif/dt
-
-
50
A/
µs VDS=0to400V,ISD<=2.8A,Tj=25°C
2Thermalcharacteristics
Table3Thermalcharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Thermal resistance, junction - case
RthJC
-
-
1.5
°C/W -
Thermal resistance, junction - ambient
RthJA
-
-
62
°C/W Device on PCB, minimal footprint
Thermal resistance, junction - ambient
for SMD version
RthJA
-
35
45
°C/W
Device on 40mm*40mm*1.5mm
epoxy PCB FR4 with 6cm
2 (one
layer 70
µm thickness) copper area
for drain connection and cooling.
PCB is vertical without air stream
cooling.
Soldering temperature, wave- & reflow
soldering allowed
Tsold
-
-
260
°C
reflow MSL1
1) Limited by Tj max. Maximum duty cycle D=0.5
2) Pulse width tp limited by Tj,max
3)VDClink=400V;VDS,peak<V(BR)DSS;identicallowsideandhighsideswitchwithidenticalRG;tcond<2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com