Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPD80R360P7 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPD80R360P7
Description  800V CoolMOS짧 P7 Power Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD80R360P7 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPD80R360P7 Datasheet HTML 1Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 2Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 3Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 4Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 5Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 6Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 7Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 8Page - Infineon Technologies AG IPD80R360P7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
800VCoolMOSªP7PowerTransistor
IPD80R360P7
Rev.2.1,2018-02-09
Final Data Sheet
Table7Reversediodecharacteristics
Values
Min.
Typ.
Max.
Parameter
Symbol
Unit Note/TestCondition
Diode forward voltage
VSD
-
0.9
-
V
VGS=0V,IF=5.6A,Tf=25°C
Reverse recovery time
trr
-
1100
-
ns
VR=400V,IF=2.8A,diF/dt=50A/µs
Reverse recovery charge
Qrr
-
12
-
µC
VR=400V,IF=2.8A,diF/dt=50A/µs
Peak reverse recovery current
Irrm
-
19
-
A
VR=400V,IF=2.8A,diF/dt=50A/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com