Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP34X0G Datasheet(PDF) 9 Page - Micronas

Part # MSP34X0G
Description  Multistandard Sound Processor Family
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MSP34X0G Datasheet(HTML) 9 Page - Micronas

Back Button MSP34X0G Datasheet HTML 5Page - Micronas MSP34X0G Datasheet HTML 6Page - Micronas MSP34X0G Datasheet HTML 7Page - Micronas MSP34X0G Datasheet HTML 8Page - Micronas MSP34X0G Datasheet HTML 9Page - Micronas MSP34X0G Datasheet HTML 10Page - Micronas MSP34X0G Datasheet HTML 11Page - Micronas MSP34X0G Datasheet HTML 12Page - Micronas MSP34X0G Datasheet HTML 13Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 96 page
background image
PRELIMINARY DATA SHEET
MSP 34x0G
MICRONAS INTERMETALL
9
2.1. Architecture of the MSP 34x0G Family
Fig. 2–1 on page 8 shows a simplified block diagram of
the IC. The block diagram contains all features of the
MSP 3450G. Other members of the MSP 34x0G fam-
ily do not have the complete set of features: The
demodulator handles only a subset of the standards
presented in the demodulator block; NICAM process-
ing
is
only
possible
in
the
MSP 3410G
and
MSP 3450G.
2.2. Sound IF Processing
2.2.1. Analog Sound IF Input
The input pins ANA_IN1+, ANA_IN2+, and ANA_IN
−
offer the possibility to connect two different sound IF
(SIF) sources to the MSP 34x0G. The analog-to-digital
conversion of the preselected sound IF signal is done
by an A/D-converter. An analog automatic gain circuit
(AGC) allows a wide range of input levels. The high-
pass filters formed by the coupling capacitors at pins
ANA_IN1+ and ANA_IN2+ see Section 8. “Appendix
E: Application Circuit” on page 95 are sufficient in most
cases to suppress video components. Some combina-
tions of SAW filters and sound IF mixer ICs, however,
show large picture components on their outputs. In this
case, further filtering is recommended.
2.2.2. Demodulator: Standards and Features
The MSP 34x0G is able to demodulate all TV-sound
standards worldwide including the digital NICAM sys-
tem. Depending on the MSP 34x0G version, the fol-
lowing demodulation modes can be performed:
A2 Systems: Detection and demodulation of two sep-
arate FM carriers (FM1 and FM2), demodulation and
evaluation of the identification signal of carrier FM2.
NICAM Systems: Demodulation and decoding of the
NICAM carrier, detection and demodulation of the ana-
log (FM or AM) carrier. For D/K-NICAM, the FM carrier
may have a maximum deviation of 384 kHz.
Very high deviation FM-Mono: Detection and robust
demodulation of one FM carrier with a maximum devi-
ation of 540 kHz.
BTSC-Stereo: Detection and FM demodulation of the
aural carrier resulting in the MTS/MPX signal. Detec-
tion and evaluation of the pilot carrier, AM demodula-
tion of the (L
−R)-carrier and detection of the SAP sub-
carrier.
Processing
of
DBX
noise
reduction
or
MICRONAS Noise Reduction (MNR).
BTSC-Mono + SAP: Detection and FM demodulation
of the aural carrier resulting in the MTS/MPX signal.
Detection and evaluation of the pilot carrier, detection
and FM demodulation of the SAP subcarrier. Process-
ing of DBX noise reduction or MICRONAS Noise
Reduction (MNR).
Japan Stereo: Detection and FM demodulation of the
aural carrier resulting in the MPX signal. Demodulation
and evaluation of the identification signal and FM
demodulation of the (L
−R)-carrier.
FM-Satellite Sound: Demodulation of one or two FM
carriers. Processing of high-deviation mono or narrow
bandwidth mono, stereo, or bilingual satellite sound
according to the ASTRA specification.
FM-Stereo-Radio: Detection and FM demodulation of
the aural carrier resulting in the MPX signal. Detection
and evaluation of the pilot carrier and AM demodula-
tion of the (L
−R)-carrier.
The demodulator blocks of all MSP 34x0G versions
have identical user interfaces. Even completely differ-
ent systems like the BTSC and NICAM systems are
controlled the same way. Standards are selected by
means of MSP Standard Codes. Automatic processes
handle standard detection and identification without
controller
interaction.
The
key
features
of
the
MSP 34x0G demodulator blocks are
Standard Selection: The controlling of the demodula-
tor is minimized: All parameters, such as tuning fre-
quencies or filter bandwidth, are adjusted automati-
cally
by
transmitting
one
single
value
to
the
STANDARD SELECT register. For all standards, spe-
cific MSP standard codes are defined.
Automatic Standard Detection: If the TV sound stan-
dard is unknown, the MSP 34x0G can automatically
detect the actual standard, switch to that standard, and
respond the actual MSP standard code.
Automatic Carrier Mute: To prevent noise effects or
FM identification problems in the absence of an FM
carrier, the MSP 34x0G offers a carrier mute feature,
which is activated automatically if the TV sound stan-
dard is selected by means of the STANDARD SELECT
register. If no FM carrier is available at one of the two
MSP
demodulator
channels,
the
corresponding
demodulator output is muted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com