Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE4998C8D Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4998C8D
Description  High Performance Programmable Single/Dual Linear Hall Sensor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998C8D Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4998C8D Datasheet HTML 12Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 13Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 14Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 15Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 16Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 17Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 18Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 19Page - Infineon Technologies AG TLE4998C8D Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
TLE4998C8(D)
SPC Output
Data Sheet
16
Revision 1.1, 2017-01
The status nibble allows to check internal states and conditions of the sensor.
•
Depending on the selected SPC mode, the first two bits of the status nibble contain either the selected
magnetic range or the ID of the sensor and allow therefore an easy interpretation of the received data.
•
The third bit is set to 1 for the first transmission after the sensor returns from an overvoltage operation with
disabled open drain stage to regular operation (see Chapter 9).
•
The fourth bit is switched to 1 for the first data package transferred after a reset.
7.2
Unit Time Setup
The basic SPC protocol unit time granularity is defined as 3 μs. Every timing is a multiple of this basic time unit.
To achieve more flexibility, trimming of the unit time can be used to:
•
Allow a calibration trim within a timing error of less than 20% clock error (as given in SAE standard)
•
Allow a modification of the unit time for small speed adjustments
This enables a setup of different unit times. The output characteristic depends on the external load, the wiring, as
well on the pull-up resistor and the temperature. Furthermore, sufficient driving capability of the reciever is
required, in order to fulfill the master pulse requirements.
The nominal unit time is calculated by:
(7.1)
7.3
Master Pulse
An SPC transmission is initiated by a Master pulse from the ECU on the OUT pin. To detect a low-level on the
OUT pin, the voltage has to be below a threshold
V
thf. The sensor detects that the OUT line has been released as
soon as
V
thr is crossed. Figure 7-2 shows the timing definitions for the master pulse. The master low time tmlow as
well as the total trigger time
t
mtr are individual for the different SPC modes and are given in the subsequent
sections.
It is recommended to choose the typical master low time exactly between the minimum and the maximum possible
time:
t
mlow,typ = (tmlow,min + tmlow,max) / 2. The master shall provide a high timing accuracy (approx. 1%). If the master
low time exceeds the maximum low time, the sensor does not respond and is available for a next triggering 30μs
Table 7-2
Mapping of Temperature Value
Junction Temperature
Typ. Decimal Value from Sensor
Note
- 55 °C
0
Theoretical lower limit1)
1) Theoretical range of temperature values, not operating temperature range.
0°C
55
–
25 °C
80
–
200 °C
255
Theoretical upper limit1)
Table 7-3
Pre-divider Setting
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Unit time
t
UNIT
2.0
–
3.88
μs
Clk
UNIT=8 MHz
1)2)
1) Default setting is 3 μs nominal SPC unit time.
2) Subject to RC oscillator frequency variation ± 20%.
tUNIT = (Prediv + 16) / ClkUNIT
ClkUNIT = 8MHz ± 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com