Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSOX4MASK Datasheet(PDF) 24 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 24 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 20Page - Keysight Technologies DSOX4MASK Datasheet HTML 21Page - Keysight Technologies DSOX4MASK Datasheet HTML 22Page - Keysight Technologies DSOX4MASK Datasheet HTML 23Page - Keysight Technologies DSOX4MASK Datasheet HTML 24Page - Keysight Technologies DSOX4MASK Datasheet HTML 25Page - Keysight Technologies DSOX4MASK Datasheet HTML 26Page - Keysight Technologies DSOX4MASK Datasheet HTML 27Page - Keysight Technologies DSOX4MASK Datasheet HTML 28Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
24 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Oscilloscope Experience Redefined:
Configuring Your InfiniiVision 4000 X-Series Oscilloscope
Step 1. Choose your bandwidth and number of channels
InfiniiVision 4000 X-Series scopes oscilloscopes
4022A
4024A
4032A
4034A
4052A
4054A
4104A
4154A
Bandwidth 1 (–3 dB)
200 MHz
350 MHz
500 MHz
1 GHz
1.5 GHz
Calculated rise time (10 to 90%)
≤ 1.75 ns
≤ 1 ns
≤ 700 ps
≤ 450 ps
≤ 300 ps
Input channels
DSOX
2
4
2
4
2
4
4
4
MSOX
2 + 16
4 + 16
2 + 16
4 + 16
2 + 16
4 + 16
4 + 16
4 + 16
1� For example, if you chose 1 GHz, 4+16 channels, the model number will be MSOX4104A.
Step 2. Tailor your oscilloscope with integrated capabilities and measurement applications to save
time and money. After purchase upgrade model numbers are listed below (values in parentheses are
factory-installed option numbers)
Description
Model number
Enables all software options listed below
DSOX4APPBNDL
Serial protocols
Embedded serial triggering and decode (I²C, SPI)
DSOX4EMBD(-EMB)
Computer serial triggering and decode (RS232/UART)
DSOX4COMP(-CMP)
USB 2.0 Full/Low Speed serial triggering and decode
DSOX4USBFL(-USF)
USB 2.0 Hi-Speed serial triggering and decode
DSOX4USBH(-U2H) 1
Automotive serial triggering and decode CAN/CAN-FD/CAN-dbc/LIN/LIN symbolic
DSOX4AUTO(-AMS)
FlexRay serial triggering and decode
DSOX4FLEX(-FLX)
Single edge nibble transmission triggering and decode (SENT)
DSOX4SENSOR(-SEN)
CXPI serial triggering and decode
DSOX4CXPI(-CXP)
Audio serial triggering and decode (I²S)
DSOX4AUDIO(-SND)
Aerospace and defence serial triggering and decode (MIL-STD 1553, ARINC 429)
DSOX4AERO(-AER)
User-definable Manchester/NRZ triggering and decode
DSOX4NRZ
USB PD serial triggering and decode
DSOX4UPD
Measurement applications
Dual-channel WaveGen 20 MHz arbitrary/function generator
DSOX4WAVEGEN2(-WAV)
Power analysis application
DSOX4PWR(-PWR)
Frequency Response Analysis (FRA)
DSOX4FRA
Mask limit testing
DSOX4MASK(-MSK)
Enhanced video/TV application package
DSOX4VID(-VID)
USB 2.0 signal quality test option
DSOX4USBSQ(-U2Q) 2
NFC trigger and automated test software
DSOX4NFC
Productivity tools
Infiniium Offline oscilloscope analysis software
N8900A
User-definable Application (UDA) PC-based test automation software
N5467B/C
Vector signal analyzer software (version 16 and higher)
89601B
BenchVue Software
BV0004B
1� DSOX4USBH is only available for 1 GHz and 1.5 GHz models.
2. USB 2.0 hi-speed tests require 1.5 GHz models.
See page 35 for more detailed upgradability and installation process information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com