Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSOX4MASK Datasheet(PDF) 29 Page - Keysight Technologies

Part # DSOX4MASK
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4MASK Datasheet(HTML) 29 Page - Keysight Technologies

Back Button DSOX4MASK Datasheet HTML 25Page - Keysight Technologies DSOX4MASK Datasheet HTML 26Page - Keysight Technologies DSOX4MASK Datasheet HTML 27Page - Keysight Technologies DSOX4MASK Datasheet HTML 28Page - Keysight Technologies DSOX4MASK Datasheet HTML 29Page - Keysight Technologies DSOX4MASK Datasheet HTML 30Page - Keysight Technologies DSOX4MASK Datasheet HTML 31Page - Keysight Technologies DSOX4MASK Datasheet HTML 32Page - Keysight Technologies DSOX4MASK Datasheet HTML 33Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
29 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
Trigger type selections
InfiniiScan Zone (HW zone qualifier)
Trigger on user-defined zones drawn on the display. Applies to one analog channel at a time. Specify zones as
either “must intersect” or “must not intersect.” Up to two zones. > 200,000 wfm/sec update rate.
Supported modes: normal, peak detect, high resolution.
Also works simultaneously with the serial decodes and mask/limit test.
Edge
Trigger on a rising, falling, alternating, or either edge of analog channels, digital channels, or an external signal.
Trigger on a rising or falling of a line signal.
Edge then edge (B trigger)
Arm on a selected edge, wait a specified time, then trigger on a specified count of another selected edge.
Minimum 4 ns
Pulse width
Trigger on a pulse on a selected channel, whose time duration is less than a value, greater than a value, or inside a
time range
– Minimum duration setting: 2 ns (500 MHz, 1 GHz, 1.5 GHz), 4 ns (350 MHz), 6 ns (200 MHz)
– Maximum duration setting: 10 s
– Range minimum: 10 ns
Pattern
Trigger when a specified pattern of high, low, and don’t-care levels on any combination of analog, digital, or
trigger channels is [entered | exited]. Pattern must have stabilized for a minimum of 2 ns to qualify as a valid
trigger condition.
– Minimum duration setting: 2 ns (500 MHz, 1 GHz, 1.5 GHz), 4 ns (350 MHz), 6 ns (200 MHz)
– Maximum duration setting: 10 s
Or
Trigger on any selected edges from available sources (analog and digital channels only up to 500 MHz)
Rise/fall time
Trigger on rise-time or fall-time edge speed violations (< or >) based on user-selectable threshold. Select from
(< or >) and time settings range between
– Minimum: 1 ns (500 MHz, 1 GHz, 1.5 GHz model), 2 ns (350 MHz model), 3 ns (200 MHz model)
– Maximum: 10 s
Nth edge burst
Trigger on the Nth (1 to 65535) edge of a pulse burst. Specify idle time (10 ns to 10 s) for framing
Runt
Trigger on a positive runt pulse that fails to exceed a high-level threshold. Trigger on a negative runt pulse that
fails to exceed a low-level threshold. Trigger on either polarity runt pulse based on two threshold settings. Runt
triggering can also be time-qualified (< or >) with a minimum time setting of 2 ~ 6 ns and maximum time setting of
10 s
– Minimum time setting: 2 ns (500 MHz, 1 GHz, 1.5 GHz), 4 ns (350 MHz), 6 ns (200 MHz)
Setup and hold
Trigger on setup/hold violations. Setup time can be set from –7 to 10 s. Hold time can be set from 0 s to 10 ns.
Minimum window (setup time + hold time) must be 3 ns or greater
Video
Trigger on all lines or individual lines, odd/even or all fields from composite video, or broadcast standards (NTSC,
PAL, SECAM, PAM-M)
Enhanced video (HDTV) (Option)
Trigger on lines and fields of enhanced and HDTV standards (480p/60, 567p/50, 720p/50, 720p/60, 1080p/24,
1080p/25, 1080p/30, 1080p/50, 1080p/60, 1080i/50, 1080i/60)
ARINC429 (Option)
Trigger and decode on ARINC429 data. Trigger on word start/stop, label, label + bits, label range, error conditions
(parity, word, gap, word or gap, all), all bits (eye), all 0 bits, all 1 bits
CAN (Option)
Trigger on CAN (controller area network) version 2.0A,2.0B, and CAN-FD (Flexible Data-rate) signals. Trigger on
the start of frame (SOF), the end of frame (EOF), data frame ID, data frame ID and data (non-FD), data frame ID
and data (FD), remote frame ID, remote or data frame ID, error frame, acknowledge error, from error, stuff error,
CRC error, spec error (ack or form or stuff or CRC), all errors, BRS Bit (FD), CRC delimiter bit (FD), ESI bit active
(FD), ESI bit passive (FD), overload frame., message, message and signal (non-FD), message and signal (FD, first
8 bytes only)
FlexRay (Option)
Trigger on frame ID or specific error condition, along with cycle-base and repetition-cycle filtering. Can also
trigger on specific events such as BSS, TSS, FES, and wake up
I²C (Option)
Trigger at a start/stop condition or user defined frame with address and/or data values. Also trigger on missing
acknowledge, address with no acq, restart, EEPROM read, and 10-bit write
I²S (Option)
Trigger on 2’s complement data of audio left channel or right channel (=, ≠, <, >, > <, < >, increasing value, or
decreasing value)
LIN (Option)
Trigger on LIN (local interconnect network) sync break, sync frame ID, frame ID and data, parity error, or
checksum error
Oscilloscope Experience Redefined:
InfiniiVision 4000 X-Series Performance Characteristics (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com