Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP4061 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP4061
Description  800mA Standalone Linear Li-Ion Battery Charger with Dual LED Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4061 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP4061 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4061 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LP4061-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 7
Preliminary Datasheet
LP4061
800mA Standalone Linear Li-Ion Battery Charger
with Dual LED Display
General Description
The LP4061 is a complete constant-current/constant- voltage
linear charger for single cell lithium-ion batteries. Its SOT
package and low external component count make the LP4061
ideally suited for portable applications. Furthermore, the
LP4061 is specifically designed to work within USB power
specifications. No external sense resistor is needed, and no
blocking diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge current to
limit the die temperature during high power operation or high
ambient temperature. The charge voltage is fixed at 4.2V, and
the charge current can be programmed externally with a single
resistor. The LP4061 automatically terminates the charge cycle
when the charge current drops to 1/10th the programmed value
after the final float voltage is reached. Other features include
charge current monitor, under-voltage lockout, automatic
recharge and a status pin to indicate charge termination and the
presence of an input voltage.
Order Information
LP4061 □ □ □
F: Pb-Free
Package Type
B5: SOT23-6
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA/DSC
Bluetooth Applications
Features
Programmable Charge Current Up to 800mA
No MOSFET, Sense Resistor or Blocking Diode Required
Complete Linear Charger in SOT Package for Single Cell
Lithium-ion Batteries
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize
Charge Rate Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly from USB
Port
Charge Voltage with ±1% Accuracy
Available in SOT23-6 Package
Charge Current Monitor Output for Gas Gauging
Automatic Recharge
2.9V Trickle Charge Threshold
C/10 Charge Termination
Typical Application Circuit
Marking Information
Part
Marking
Package
Shipping
LP4061
LPS
BCYWX
SOT23-6
3K/REEL
Marking indication:
Y:Production year W:Production week X:Production batch.
10uF
BATTERY
GREEN
RED
10uF
STAT1
1
STAT2
5
GND
2
PROG
6
VCC
4
BATT
3
LP4061
VIN
2.7K


Similar Part No. - LP4061

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP4060 POWER-LP4060 Datasheet
794Kb / 13P
Programmable Charge Current Up to 800mA
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4060A-B5F POWER-LP4060A-B5F Datasheet
794Kb / 13P
800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4062 POWER-LP4062 Datasheet
596Kb / 13P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LP4062-B5F POWER-LP4062-B5F Datasheet
596Kb / 13P
600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results

Similar Description - LP4061

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBC08 STMICROELECTRONICS-STBC08 Datasheet
328Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
STC4054 STMICROELECTRONICS-STC4054 Datasheet
299Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
logo
Lowpower Semiconductor ...
LP4060A POWER-LP4060A Datasheet
794Kb / 13P
800mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
logo
STMicroelectronics
AN2407 STMICROELECTRONICS-AN2407 Datasheet
174Kb / 14P
800mA standalone linear Li-Ion
19-Sep-2006
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
logo
AiT Semiconductor Inc.
A4055 AITSEMI-A4055 Datasheet
922Kb / 19P
BATTERY MANAGEMENT 800mA STANDALONE LINEAR LI-ION BATTERY CHARGER
REV1.2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com