Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP28601QVF Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP28601QVF
Description  3.5A Synchronous Buck Li-ion Charger With Intelligent Path Management竊똀dapter Adaptive and OTG
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28601QVF Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP28601QVF Datasheet HTML 4Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 5Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 6Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 7Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 8Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 9Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 10Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 11Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 12Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LP28601-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 9 of 12
Preliminary Datasheet
LP28601
Application Information
The LP28601 is an easy controlled power path
management device and a single cell Li-Ion battery
charger. It integrates the input reverse-blocking FET,
high-side switching FET, low-side switching FET,
and BATFET between system and battery. The
device also integrates the bootstrap diode for the
high-side gate drive.
Device Power Up from Battery without DC Source
If only battery is present and the voltage is above
depletion threshold, the BATFET turns on and
connects battery to system. The REG LDO stays off
to minimize the quiescent current. The low RDSON in
BATFET and the low quiescent current on BAT
minimize the conduction loss and maximize the
battery run time.
Power Up from DC Source
When the DC source plugs in, the LP28601 checks
the input source voltage to turn on REG、 LDO and
all the bias circuits. It also checks the input current
limit before starts the buck converter.
Input Source Qualification
After REG LDO powers up, the LP28601 checks the
current capability of the input source. The input
source has to meet the following requirements to
start the buck converter.
1. VBUS voltage below 14V
2. VREG voltage above 2.43V
Once the input source passes all the conditions
above, the permit signal is asserted to the chip.
Input Current Limit Detection
The USB ports on personal computers are
convenient charging source for portable devices
(PDs). If the portable device is attached to a USB
host, the USB specification requires the portable
device to draw limited current. If the portable device
is attached to a charging port, it is allowed to draw up
to the maximum current form the USB host by two
parts limit:
1. VREG voltage above 2.43V
2. The maximum input current < ILIM
Boost Mode Operation from Battery
The LP28601 supports boost converter operation to
deliver power from the battery to other portable
devices through USB port. The boost mode output
current rating meets the 2A charging requirements
for smart phone and tablet. The boost operation can
be enabled after the OTG and BOOST is pulled low.
In battery boost mode, the LP28601 employs a
synchronous step-up switching regulator. During
boost mode, the output voltage is fixed at 5.1V and
the chip could supply 5V /2A from VBAT=3V with high
efficiency on VDC. It is recommended to use the
minimum CIN2 cap value 20uF for boost current.
VSYS and Narrow VDC Architecture
The device deploys Narrow VDC architecture (NVDC)
with BATFET separating system from battery. The
minimum system voltage is set by battery voltage.
With a not fully depleted battery, the system is
regulated (RBATFET×I(BAT,SYS))V less than the battery
voltage. And a selectable VSYS could be set by
SYSSEL when battery is fully depleted and adapter
is applied to VBUS.
Charge state indication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com