Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP28601QVF Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP28601QVF
Description  3.5A Synchronous Buck Li-ion Charger With Intelligent Path Management竊똀dapter Adaptive and OTG
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28601QVF Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP28601QVF Datasheet HTML 1Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 2Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 3Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 4Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 5Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 6Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 7Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 8Page - Lowpower Semiconductor inc LP28601QVF Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LP28601-02
Mar.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 12
Preliminary Datasheet
LP28601
Electrical Characteristics
(The specifications which apply over the full operating temperature range, TA=25℃, VBUS=5V, unless otherwise noted.)
Parameter
Test Conditions
Measured
Min
Typ
Max
Units
VBUS, VSYS,VDD
Input voltage
VBUS
4.4
14
V
VBUS port protection threshold
VBUS Rising
UVLO
4.15
4.25
4.35
V
VBUS Falling
3.95
4.05
4.15
V
Input voltage regulation reference
VREG
2.3
2.4
2.5
V
Minimum output voltage set for VSYS
SYSSEL=float, VBAT=2V
3.3
V
SYSSEL=high, VBAT=2V
3.5
V
SYSSEL=low, VBAT=2V
3.0
V
VDDP/VDDA
5
V
Power Path Management
VDC Power by USB/Adapter MOSFET RDSON
1A Current Load
R(VBUS,VDC)
50
mΩ
Switch between VSYS and VBAT
VBAT=4.2V, VBUS Absent, IBAT=3A
R(VSYS, VBAT)
40
mΩ
Quiescent Currents
VBUS Current
OTG=float
IBUS
750
µA
OTG=low
20
µA
VBUS=4V
80
µA
Battery Discharge Current in Standby mode
VBAT=4.2V, VBOOST Floating VBUS Absent
IBAT
15
µA
Battery Discharge Current in boost mode
VBAT=4.2V, VBUS=5V, IOUT=0A
IBOOST
110
µA
Charger Controller
VISET Voltage in TRICK Mode and Low VBAT
VBAT<1.4V
VISET
0.04
V
1.4V< VBAT <VTRICKL
0.2
V
VBAT voltage
VB=float, RISET=1K, IBAT=100mA
4.158
4.2
4.242
V
VB=high, RISET=1K, IBAT=100mA
4.3
V
VB=low, RISET=1K, IBAT=100mA
4.35
V
Charge Current in CC Mode
RISET=1K,VBAT=3.6V
IBAT
1500
mA
RISET=0.5K,VBAT=3.6V
3000
mA
VISET Voltage in CC Mode
VISET
1.45
1.5
1.55
V
Trickle Charge Voltage Threshold
VBAT rising
VTRIKL
2.8
2.9
3.0
V
Trickle Charge Voltage Threshold Hysteresis
VTRIKL_HYS
200
mV
Charge Current in Trickle Charge Condition
VBAT<1.4V
ITRIKL
15
mA
1.4V<VBAT<VTRIKL,RISET=1K
200
mA
1.4V<VBAT<VTRIKL,RISET=0.5K
400
mA
End of Charger Current
13.3
%IBAT
Adapter Current Limit
VILIM
1.9
2
2.1
V
Current Limit through VBUS
RILIM=1K
ILIMIT
1.1
A
RILIM=0.5K
2.2
A
Switch Frequency
VBUS=5V,VBAT=3.6V,RISET=0.5K
1.2
MHz
Trickle Charge Timer
Default register, wake-up mode
90
min
Charge Timer
Default register, CC+CV mode
10
hr
Recharge Threshold
VBAT falling
150
mV
STAT Low Level
Open drain pulled up with 5mA
STAT
-
-
0.2
V
Leakage Current to STAT
VBAT=4.3V, IBAT=0
0.6
1
µA
FULL Low Level
Open drain pulled up with 5mA
FULL
0.2
V
Leakage Current to FULL
VBAT=4.3V IBAT=0
0.4
1
µA
Charging Enable Time
OTG: L→H
TC_DELAY
6
ms
Temperature sense comparators
High Voltage Threshold
Temp fault at VNTC>VLTF
VLTF
2.45
2.50
2.55
V
Low Voltage Threshold
Temp fault at VNTC<VHTF
VHTF
0.48
0.50
0.52
V
Temperature Sense Current Sense
RNTC=10k
INTC
94
100
106
µA
Charging and OTG Boost Temperature
Shutdown
Temperature rising
145
℃
Hysteresis falling
25
℃
Boost Controller Section
Boost Output Voltage
VBAT=4.2V
VOUT
4.9V
5.05
5.2V
V
Boost Switch Frequency
VBAT=3V,IOUT=1A
1.4
MHz
Boost UVLO
VBAT rising
VBAT
2.9
V
VBAT falling
2.6
V
Boost Enable Time
VBOOST: H→L
TB_DELAY
370
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com