| Electronic Components Datasheet Search |
|
PIC16LF818-E/ML Datasheet(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF818-E/ML Datasheet(HTML) 33 Page - Microchip Technology |
|
33 / 176 page ![]() 2004 Microchip Technology Inc. DS39598E-page 31 PIC16F818/819 An example of the complete four-word write sequence is shown in Example 3-5. The initial address is loaded into the EEADRH:EEADR register pair; the four words of data are loaded using indirect addressing, assuming that a row erase sequence has already been performed. EXAMPLE 3-5: WRITING TO FLASH PROGRAM MEMORY ; This write routine assumes the following: ; 1. The 32 words in the erase block have already been erased. ; 2. A valid starting address (the least significant bits = '00') is loaded into EEADRH:EEADR ; 3. This example is starting at 0x100, this is an application dependent setting. ; 4. The 8 bytes (4 words) of data are loaded, starting at an address in RAM called ARRAY. ; 5. This is an example only, location of data to program is application dependent. ; 6. word_block is located in data memory. BANKSEL EECON1 ;prepare for WRITE procedure BSF EECON1, EEPGD ;point to program memory BSF EECON1, WREN ;allow write cycles BCF EECON1, FREE ;perform write only BANKSEL word_block MOVLW .4 MOVWF word_block ;prepare for 4 words to be written BANKSEL EEADRH ;Start writing at 0x100 MOVLW 0x01 MOVWF EEADRH ;load HIGH address MOVLW 0x00 MOVWF EEADR ;load LOW address BANKSEL ARRAY MOVLW ARRAY ;initialize FSR to start of data MOVWF FSR LOOP BANKSEL EEDATA MOVF INDF, W ;indirectly load EEDATA MOVWF EEDATA INCF FSR, F ;increment data pointer MOVF INDF, W ;indirectly load EEDATH MOVWF EEDATH INCF FSR, F ;increment data pointer BANKSEL EECON1 MOVLW 0x55 ;required sequence MOVWF EECON2 MOVLW 0xAA MOVWF EECON2 BSF EECON1, WR ;set WR bit to begin write NOP ;instructions here are ignored as processor NOP BANKSEL EEADR INCF EEADR, f ;load next word address BANKSEL word_block DECFSZ word_block, f ;have 4 words been written? GOTO loop ;NO, continue with writing BANKSEL EECON1 BCF EECON1, WREN ;YES, 4 words complete, disable writes BSF INTCON, GIE ;enable interrupts |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |