Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF818-E/ML Datasheet(PDF) 84 Page - Microchip Technology

Part # PIC16LF818-E/ML
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF818-E/ML Datasheet(HTML) 84 Page - Microchip Technology

Back Button PIC16LF818-E/ML Datasheet HTML 80Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 81Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 82Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 83Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 84Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 85Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 86Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 87Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 176 page
background image
PIC16F818/819
DS39598D-page 82
 2003 Microchip Technology Inc.
REGISTER 11-2:
ADCON1: A/D CONTROL REGISTER 1 (ADDRESS 9Fh)
R/W-0
R/W-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
ADFM
ADCS2
—
—
PCFG3
PCFG2
PCFG1
PCFG0
bit 7
bit 0
bit 7
ADFM: A/D Result Format Select bit
1
= Right justified, 6 Most Significant bits of ADRESH are read as ‘0’
0
= Left justified, 6 Least Significant bits of ADRESL are read as ‘0’
bit 6
ADCS2: A/D Clock Divide by 2 Select bit
1
= A/D clock source is divided by 2 when system clock is used
0
= Disabled
bit 5-4
Unimplemented: Read as ‘0’
bit 3-0
PCFG<3:0>: A/D Port Configuration Control bits
A = Analog input
D = Digital I/O
C/R = Number of analog input channels/Number of A/D voltage references
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
PCFG
AN4
AN3
AN2
AN1
AN0
VREF+VREF-C/R
0000
AA
A
A
A
AVDD
AVSS
5/0
0001
AVREF+
AA
A
AN3
AVSS
4/1
0010
AA
A
A
A
AVDD
AVSS
5/0
0011
AVREF+
AA
A
AN3
AVSS
4/1
0100
DA
D
A
A
AVDD
AVSS
3/0
0101
DVREF+
DA
A
AN3
AVSS
2/1
011x
DD
D
D
D
AVDD
AVSS
0/0
1000
AVREF+
VREF-
AA
AN3
AN2
3/2
1001
AA
A
A
A
AVDD
AVSS
5/0
1010
AVREF+
AA
A
AN3
AVSS
4/1
1011
AVREF+
VREF-
AA
AN3
AN2
3/2
1100
AVREF+
VREF-
AA
AN3
AN2
3/2
1101
DVREF+
VREF-
AA
AN3
AN2
2/2
1110
DD
D
D
A
AVDD
AVSS
1/0
1111
DVREF+
VREF-
DAAN3
AN2
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com