Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF818-E/ML Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC16LF818-E/ML
Description  18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF818-E/ML Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC16LF818-E/ML Datasheet HTML 120Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 121Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 122Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 123Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 124Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 125Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 126Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 127Page - Microchip Technology PIC16LF818-E/ML Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 176 page
background image
PIC16F818/819
DS39598E-page 122
 2004 Microchip Technology Inc.
Supply Current (IDD)(2,3)
PIC16LF818/819
72
95
µA
-40°C
VDD = 2.0V
FOSC = 1 MHZ
(RC Oscillator)(3)
76
90
µA+25°C
76
90
µA+85°C
PIC16LF818/819
138
175
µA
-40°C
VDD = 3.0V
136
170
µA+25°C
136
170
µA+85°C
All devices
310
380
µA
-40°C
VDD = 5.0V
290
360
µA+25°C
280
360
µA+85°C
Extended devices
350
500
µA
+125°C
PIC16LF818/819
270
315
µA
-40°C
VDD = 2.0V
FOSC = 4 MHz
(RC Oscillator)(3)
280
310
µA+25°C
285
310
µA+85°C
PIC16LF818/819
460
610
µA
-40°C
VDD = 3.0V
450
600
µA+25°C
450
600
µA+85°C
All devices
900
1060
µA
-40°C
VDD = 5.0V
890
1050
µA+25°C
890
1050
µA+85°C
Extended devices
.920
1.5
mA
+125°C
15.2
DC Characteristics: Power-Down and Supply Current
PIC16F818/819 (Industrial, Extended)
PIC16LF818/819 (Industrial) (Continued)
PIC16LF818/819
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC16F818/819
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Device
Typ
Max
Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
Note
1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured with
the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS and all features that add delta
current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin loading
and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have an impact on
the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be estimated
by the formula Ir = VDD/2REXT (mA) with REXT in k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com