Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LGEU-75CV Datasheet(PDF) 4 Page - PAIRUI GROUP INC.

Part # LGEU-75CV
Description  LED Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LGEU-75CV Datasheet(HTML) 4 Page - PAIRUI GROUP INC.

  LGEU-75CV Datasheet HTML 1Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 2Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 3Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 4Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 5Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 6Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 7Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 8Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 9Page - PAIRUI GROUP INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
INPUT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage
90
305
Vac
Input frequency
47
63
Hz
Input current
Full load, Vin=110Vac
Full load, Vin=220Vac
0.92
0.46
A
A
Inrush current
Cold start, Vin=230Vac
45
A
Power factor(PF)
Full load, Vin=110Vac
Full load, Vin=220Vac
0.99
0.95
Leakage current
Vin=230Vac, 50Hz
0.75
mA
Surge voltage
L-N
L, N-FG
4
6
KV
KV
PRODUCT SPECIFICATION
led power supplies
Updated 2016-V1.0-0720
www.pairuigroup.com
Page:3/9
PAIRUI ELECTRONICS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com