Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LGEU-75CV Datasheet(PDF) 10 Page - PAIRUI GROUP INC.

Part # LGEU-75CV
Description  LED Power Supplies
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

LGEU-75CV Datasheet(HTML) 10 Page - PAIRUI GROUP INC.

Back Button LGEU-75CV Datasheet HTML 2Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 3Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 4Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 5Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 6Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 7Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 8Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 9Page - PAIRUI GROUP INC. LGEU-75CV Datasheet HTML 10Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PRODUCT SPECIFICATION
led power supplies
Labelling
Updated 2016-V1.0-0720
www.pairuigroup.com
Page:9/9
PAIRUI ELECTRONICS
IP65
LGEU75-CV48A
LGEU75-CV48
900-1600mA, 34-48VDC
900-1600mA, 34-48VDC
IP65
15V (YEL)
DIM+ (PPL)
DIM- (GRY)
(3 in 1 Dimming)
Symbol
Description
Short-circuit-proof with safety insulation
Independent Operation
Type of protection(IP65 for indoorandoutdooruse)
RoHS Mark
CE Mark
IP65



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com