Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVCV2G66DP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74LVCV2G66DP
Description  Overvoltage tolerant bilateral switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVCV2G66DP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74LVCV2G66DP Datasheet HTML 8Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 9Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 10Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 11Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 12Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 13Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 14Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 15Page - NXP Semiconductors 74LVCV2G66DP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
9397 750 13027
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 2 April 2004
12 of 23
Philips Semiconductors
74LVCV2G66
Overvoltage tolerant bilateral switch
Measurement points are given in Table 12.
Logic levels: VOL and VOH are typical output voltage drop that occur with the output load.
Fig 11. Turn-on and turn-off times.
Table 12:
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
2.3 V to 2.7 V
0.5
× VCC
0.5
× VCC
VOL + 0.1 × VCC
VOH − 0.1 × VCC
2.7 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
3.0 V to 3.6 V
1.5 V
1.5 V
VOL + 0.3 V
VOH − 0.3 V
4.5 V to 5.5 V
0.5
× VCC
0.5
× VCC
VOL + 0.3 V
VOH − 0.3 V
001aaa542
tPLZ
tPHZ
switch
disabled
switch
enabled
switch
enabled
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
nE input
nY or nZ
nY or nZ
VI
VOL
VOH
VCC
VM
VM
VX
Vy
VM
GND
GND
tPZL
tPZH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com